Electronic Components Datasheet Search
  English  ▼

X  

LTM4673 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM4673
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4673 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM4673 Datasheet HTML 23Page - Analog Devices LTM4673 Datasheet HTML 24Page - Analog Devices LTM4673 Datasheet HTML 25Page - Analog Devices LTM4673 Datasheet HTML 26Page - Analog Devices LTM4673 Datasheet HTML 27Page - Analog Devices LTM4673 Datasheet HTML 28Page - Analog Devices LTM4673 Datasheet HTML 29Page - Analog Devices LTM4673 Datasheet HTML 30Page - Analog Devices LTM4673 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 132 page
background image
LTM4683
27
Rev. 0
For more information www.analog.com
OPERATION
POWER MODULE INTRODUCTION
The LTM4683 is a highly configurable quad 31.25A output
standalone nonisolated switching mode step-down DC/
DC power supply with built-in EEPROM NVM with ECC
and I2C-based PMBus/ SMBus 2-wire serial communi-
cation interface capable of 400kHz SCL bus speed. Four
output voltages can be regulated (VOUT0, VOUT1, VOUT2,
VOUT3) with a few external input and output capacitors
and pull-up resistors. Readback telemetry data of input
and output voltages, input and output currents, and mod-
ule temperatures are continually digitized cyclically by an
integrated 16-bit ADC (analog-to-digital converter). Many
fault thresholds and responses are customizable. Data can
be autonomously saved to EEPROM when a fault occurs,
and the resulting fault log can be retrieved over I2C later,
for analysis. See Figure 2 and Figure 3 for Block Diagrams.
One controller for Channels 0 and 1, 2nd for controller
Channels 2 and 3.
POWER MODULE MAJOR FEATURES OVERVIEW
Major Features Include:
n
Dedicated Power Good Indicators
n
Direct Input and Chip Current Sensing
n
Programmable Loop Compensation Parameters
n
TINIT Start-Up Time: 30ms
n
PWM Synchronization Circuit (See the Switching
Frequency and Phase Section)
n
MFR_ADC_CONTROL for Fast ADC Sampling of
One Parameter (as Fast as 8ms) (See the PMBus
Command Details Section)
n
Fully Differential Output Sensing for All Four Channels;
VOUT0/VOUT1/VOUT2/VOUT3 All Programmable Up
to 0.8V
n
Power-Up and Program EEPROM with VBIAS
n
Input Voltage Up to 14V
n
∆VBE Temperature Sensing
n
SYNC Contention Circuit (See the Switching Frequency
and Phase Section for Details)
n
Fault Logging
n
Programmable Output Voltage
n
Programmable Input Voltage On/Off Threshold
Voltage
n
Programmable Current Limit
n
Programmable Switching Frequency
n
Programmable OV/UV Threshold voltage
n
Programmable ON/Off Delay Times
n
Programmable Output Rise/Fall Times
n
Phase-Locked Loop for Synchronous PolyPhase
Operation (2, 3, 4 or 6 Phases)
n
Nonvolatile Configuration Memory with ECC
n
Optional External Configuration Resistors for Key
Operating Parameters
n
Optional Time Base Interconnect for Synchronization
Between Multiple Controllers
n
WP Pin to Protect Internal Configuration
n
Standalone Operation After User Factory
Configuration
n
PMBus, Version 1.2, 400kHz-Compliant Interface
The PMBus interface provides access to important power
management data during system operation, including:
n
Internal Controller Temperature
n
Internal Power Channel Temperature
n
Average Output Current
n
Average Output Voltage
n
Average Input Voltage
n
Average Input Current
n
Average Chip Input Current from VIN
n
Configurable, Latched and Unlatched Individual Fault
and Warning Status
Individual channels are accessed through the PMBus
using the PAGE command, i.e., PAGE 0 or 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com