Electronic Components Datasheet Search
  English  ▼

X  

LTM4673 Datasheet(PDF) 70 Page - Analog Devices

Part # LTM4673
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4673 Datasheet(HTML) 70 Page - Analog Devices

Back Button LTM4673 Datasheet HTML 66Page - Analog Devices LTM4673 Datasheet HTML 67Page - Analog Devices LTM4673 Datasheet HTML 68Page - Analog Devices LTM4673 Datasheet HTML 69Page - Analog Devices LTM4673 Datasheet HTML 70Page - Analog Devices LTM4673 Datasheet HTML 71Page - Analog Devices LTM4673 Datasheet HTML 72Page - Analog Devices LTM4673 Datasheet HTML 73Page - Analog Devices LTM4673 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 132 page
background image
LTM4683
70
Rev. 0
For more information www.analog.com
Figure 35. 5VIN Power Loss Curve
Figure 38. 5VIN to 0.4VOUT
Derating Curve, No Heat Sink
Figure 36. 8VIN Power Loss Curve
Figure 39. 8VIN to 0.4VOUT Derating
Curve, No Heat Sink
Figure 37. 12VIN Power Loss Curve
Figure 40. 12VIN to 0.4VOUT
Derating Curve, No Heat Sink
OUTPUT CURRENT (A)
0
20
40
60
80
100 120 140
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
4683 F35
5VIN, 0.4VOUT, 350kHz
5VIN, 0.6VOUT, 500kHz
5VIN, 0.7VOUT, 575kHz
OUTPUT CURRENT (A)
0
20
40
60
80
100 120 140
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
4683 F36
8VIN, 0.4VOUT, 350kHz
8VIN, 0.6VOUT, 500kHz
8VIN, 0.7VOUT, 575kHz
OUTPUT CURRENT (A)
0
20
40
60
80
100 120 140
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
4683 F37
12VIN, 0.4VOUT, 350kHz
12VIN, 0.6VOUT, 500kHz
12VIN, 0.7VOUT, 575kHz
APPLICATIONS INFORMATION
TAMB (°C)
0
20
40
60
80
100
120
0
20
60
40
100
80
120
140
4683 F38
0LFM
200LFM
400LFM
TAMB (°C)
0
20
40
60
80
100
120
0
20
60
40
100
80
120
140
4683 F39
0LFM
200LFM
400LFM
TAMB (°C)
0
20
40
60
80
100
120
0
20
60
40
100
80
120
140
4683 F40
0LFM
200LFM
400LFM
Figure 41. 5VIN to 0.6VOUT
Derating Curve, No Heat Sink
Figure 42. 8VIN to 0.6VOUT Derating
Curve, No Heat Sink
Figure 43. 12VIN to 0.6VOUT
Derating Curve, No Heat Sink
TAMB (°C)
0
20
40
60
80
100
120
0
20
60
40
100
80
120
140
4683 F41
0LFM
200LFM
400LFM
0LFM
200LFM
400LFM
TAMB (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4683 F42
0LFM
200LFM
400LFM
TAMB (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4683 F43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com