Electronic Components Datasheet Search
  English  ▼

X  

LTM4673 Datasheet(PDF) 88 Page - Analog Devices

Part # LTM4673
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4673 Datasheet(HTML) 88 Page - Analog Devices

Back Button LTM4673 Datasheet HTML 84Page - Analog Devices LTM4673 Datasheet HTML 85Page - Analog Devices LTM4673 Datasheet HTML 86Page - Analog Devices LTM4673 Datasheet HTML 87Page - Analog Devices LTM4673 Datasheet HTML 88Page - Analog Devices LTM4673 Datasheet HTML 89Page - Analog Devices LTM4673 Datasheet HTML 90Page - Analog Devices LTM4673 Datasheet HTML 91Page - Analog Devices LTM4673 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 132 page
background image
LTM4683
88
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
PWM CONFIGURATION
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_PWM_COMP
0xD3
PWM loop compensation configuration
R/W Byte
Y
Reg
Y
0x48
MFR_PWM_MODE
0xD4
Configuration for the PWM engine.
R/W Byte
Y
Reg
Y
0xC7
MFR_PWM_CONFIG
0xF5
Set numerous parameters for the DC/DC controller,
including phasing.
R/W Byte
N
Reg
Y
0x10
FREQUENCY_SWITCH
0x33
Switching frequency of the controller.
R/W
Word
N
L11
kHz
Y
425
0xFB52
MFR_PWM_MODE
The MFR_PWM_MODE command sets important PWM controls for each channel.
The MFR_PWM_MODE command allows the user to program the PWM controller to use discontinuous (pulse-skipping
mode), or forced continuous conduction mode.
BIT
MEANING
7
0b
1b
Use high range of ILIMIT
Low current range
High current range
6
Enable servo mode
5
External temperature sense:
0: ∆VBE measurement.
Now reserved, ∆VBE only supported.
4
Page 0 Only: Use of TSNSn-Sensed Temperature Telemetry
0 – Temperature sensed through TSNS1,3 is used to temperature-correct the current-sense information digitized by Channel 1,3’s power stage.
1 – Temperature sensed through TSNS0,2 is used to temperature-correct the current-sense information digitized by Channel 0,2’s power stage.
3
Reserved
2
Reserved
1
1b
0b
VOUT range
The maximum output voltage is 2.75V.
The maximum output voltage is 3.6V, NOT NEEDED.
Bit[0]
0b
1b
Mode
Discontinuous-conduction mode
Forced continuous mode
Bit [7] of this command determines if the part is in the high range or low range of the IOUT_OC_FAULT_LIMIT com-
mand. Changing this bit value changes the PWM loop gain and compensation. This bit value should not be changed
when the channel output is active. Writing this bit when the channel is active will generate a CML fault.
Bit [6] The LTM4683 will not servo while the part is Off, ramping on or ramping off. When set to one, the output servo
is enabled. The output set point DAC will be slowly adjusted to minimize the difference between the READ_VOUT_ADC
and the VOUT_COMMAND (or the appropriate margined value).
The LTM4683 computes temperature in °C from ∆VBE measured by the ADC at the TSNSn pin as:
T = (G • ∆VBE • q/(K • ln(16))) – 273.15 + O
For both equations,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com