Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 161 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 161 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 157Page - NXP Semiconductors RT600 Datasheet HTML 158Page - NXP Semiconductors RT600 Datasheet HTML 159Page - NXP Semiconductors RT600 Datasheet HTML 160Page - NXP Semiconductors RT600 Datasheet HTML 161Page - NXP Semiconductors RT600 Datasheet HTML 162Page - NXP Semiconductors RT600 Datasheet HTML 163Page - NXP Semiconductors RT600 Datasheet HTML 164Page - NXP Semiconductors RT600 Datasheet HTML 165Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
161 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
19. Abbreviations
20. References
[1]
RT600. User manual UM11147
[2]
RT600. Errata sheet.
[3]
Technical note ADC design guidelines:
http://www.nxp.com/documents/technical_note/TN00009.pdf
[4]
Cortex-M33 DGUG - ARM Cortex-M33 Devices Generic User Guide
Table 59. Abbreviations
Acronym
Description
AHB
Advanced High-performance Bus
APB
Advanced Peripheral Bus
API
Application Programming Interface
DMA
Direct Memory Access
FRO oscillator
Internal Free-Running Oscillator, tuned to the factory specified frequency
GPIO
General Purpose Input/Output
FRO
Free Running Oscillator
LSB
Least Significant Bit
MCU
MicroController Unit
PDM
Pulse Density Modulation
PLL
Phase-Locked Loop
SPI
Serial Peripheral Interface
TCP/IP
Transmission Control Protocol/Internet Protocol
TTL
Transistor-Transistor Logic
USART
Universal Asynchronous Receiver/Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com