Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 164 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 164 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 160Page - NXP Semiconductors RT600 Datasheet HTML 161Page - NXP Semiconductors RT600 Datasheet HTML 162Page - NXP Semiconductors RT600 Datasheet HTML 163Page - NXP Semiconductors RT600 Datasheet HTML 164Page - NXP Semiconductors RT600 Datasheet HTML 165Page - NXP Semiconductors RT600 Datasheet HTML 166Page - NXP Semiconductors RT600 Datasheet HTML 167Page - NXP Semiconductors RT600 Datasheet HTML 168Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
164 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
• Updated SWCLK resistor for PIO2_25 and description for PIO0_29 (Function 1) in
Table 4 “Pin description”.
• Updated Section 14.12 “High Speed SPI Interface (Flexcomm Interface 14)”.
• Updated footnote [3] in Section 13.1 “General operating conditions”.
• Added Fail Safe Pad and High Speed Pad details in Table 5 “Power Supply for pins”
• Removed below footnotes from Section 14.8 “I2C-bus”:
a. The maximum fall time for the SDA output stage tf is specified at 250 ns. This
allows series protection resistors to be connected in between the SDA and the SCL
pins and the SDA/SCL bus lines without exceeding the maximum specified tf.
b. Cb = total capacitance of one bus line in pF. If mixed with Hs-mode devices, faster
fall times are allowed.
c. In Fast-mode Plus, fall time is specified the same for both output stage and bus
timing. If series resistors are used, designers should allow for this when considering
bus timing.
• Removed field MIMXRT633SFVKB and MIMXRT633SFAWBR from Section 4
“Ordering information”.
• Updated Section 9 “Termination of unused pins” and Section 16.4 “RTC oscillator”.
• Section 10.20.1 “12-bit Analog-to-Digital Converter (ADC)” updated to read ADC runs
up to 1Msamples/s.
• ADC functional description updated in Section 10.20.1.1 “Features”.
• Added minimum reset pulse width 4ns inTable 4 “Pin description”.
• Updated I2C Bus fall time details in Section 13.5 “Pin characteristics”.
• VDDCORE voltage is set to 0.7 note added in Table 28 “Static characteristics:
Power consumption in deep-sleep mode[4]”
.
• Added PLL lock time is approximately 150 us in Section 10.13.2 “System PLL (PLL0)”.
• Added only FBB must be used for active mode and only RBB must be used for deep
sleep mode in Section 10.14 “Power control”.
• In Figure 31 “Current measurements for memory partition”, Y-axis changed from
VDD1V8 Current (mA) to VDDCORE Current (mA) and also, added that internal LDO
is disabled in the second bullet.
• Added Section 16.7 “Boundary Scan Mode” and Section 16.8 “VDDA_BIAS Power
Supply Connection”.
• Replaced “VDD_BIAS must be connected to the highest VDDIO rail voltage used for
the ADC input channel or comparator inputs” to “VDD_BIAS must be equal to max
ADC input voltage or max comparator input voltage” in Table 4 “Pin description”, Table
18 “Limiting values”. Table 20 “General operating conditions”, and Table 21 “General
operating conditions”.
• In Section 7 “Pinning information” updated all GPIO pins are fail safe up to 3.6V when
VDDIO supply is 0V except pins PIO1_18 (instead of PIO1_19) to PIO1_31.
• Added practical range of crystal frequencies for PLL usage is 5 MHz to 26 MHz in
Section 10.13.1.4 “Crystal oscillator”.
Table 60. Revision history …continued
Document ID
Release date Data sheet status
Change notice Supersedes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com