Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 107 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 103Page - NXP Semiconductors RT600 Datasheet HTML 104Page - NXP Semiconductors RT600 Datasheet HTML 105Page - NXP Semiconductors RT600 Datasheet HTML 106Page - NXP Semiconductors RT600 Datasheet HTML 107Page - NXP Semiconductors RT600 Datasheet HTML 108Page - NXP Semiconductors RT600 Datasheet HTML 109Page - NXP Semiconductors RT600 Datasheet HTML 110Page - NXP Semiconductors RT600 Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
107 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
14. Dynamic characteristics
14.1 Wake-up process
[1] Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply
voltages.
[2] The wake-up time measured is the time between when a GPIO input pin is triggered to wake the device up
from the low power modes and from when a GPIO output pin is set in the interrupt service routine (ISR)
wake-up handler.
[3] IRC disabled, all peripherals off. PLL disabled.
[4] Wake up from deep power-down causes the part to go through entire reset process. The wake-up time
measured is the time between when the Wake-Up pin is triggered to wake the device up and when a GPIO
output pin is set in the reset handler.
14.2 IRC (48 MHz/60 MHz and 16 MHz)
The 48 MHz/60 MHz IRC is trimmed to +/- 1% accuracy over the entire voltage and 0 C to
70 C temperature range.
The 48 MHz/60 MHz IRC is trimmed to +1.5% and - 1% accuracy over the entire voltage
and -20 C to 70 C temperature range.
The 48 MHz/60 MHz IRC is trimmed to +/- 1.5% over the entire voltage and -20 C to 85 C
temperature range.
The 16 MHz IRC is trimmed to ±3% accuracy over the entire voltage and temperature
range.
[1] Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply
voltages.
Table 31. Dynamic characteristic: Typical wake-up times from low power modes
Tamb = 25 C; using IRC as the system clock.
Symbol Parameter Conditions
Min
Typ[1]
Max Unit
twake
wake-up
time
from sleep mode, 250 MHz
[2][3] -
1.5
-
s
from sleep mode, 12 MHz
[2][3] -
6.2
-
s
twake
wake-up
time
from deep-sleep mode
[2][3] -
637
-
s
twake
wake-up
time
from deep power-down mode
using RESETN.
[4] -
5.6
-
ms
from deep power-down mode
using PMIC_IRQ_N.
[4] -
7
-
ms
twake
wake-up
time
from full deep power-down mode
using RESETN.
[4] -
5.6
-
ms
from full deep power-down mode
using PMIC_IRQ_N.
[4] -
7.6
-
ms
Table 32. Dynamic characteristic: IRC
Tamb = 0 C to +70 C; 1.71 V to 3.6 V.
Symbol
Parameter
Conditions Min
Typ[1]
Max
Unit
fosc(RC)
IRC clock frequency
-
15.52
16
16.48
MHz
fosc(RC)
IRC clock frequency
-
47.52
48
48.48
MHz
fosc(RC)
IRC clock frequency
-
59.4
60
60.6
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com