Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 4 Page - Analog Devices

  ADPD7008 Datasheet HTML 1Page - Analog Devices ADPD7008 Datasheet HTML 2Page - Analog Devices ADPD7008 Datasheet HTML 3Page - Analog Devices ADPD7008 Datasheet HTML 4Page - Analog Devices ADPD7008 Datasheet HTML 5Page - Analog Devices ADPD7008 Datasheet HTML 6Page - Analog Devices ADPD7008 Datasheet HTML 7Page - Analog Devices ADPD7008 Datasheet HTML 8Page - Analog Devices ADPD7008 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
Data Sheet
ADPD7008
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 71
TEMPERATURE AND POWER SPECIFICATIONS
Table 1. Temperature and Power Specifications
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating Range
−40
+85
°C
Storage Range
−65
+150
°C
POWER SUPPLY VOLTAGES
AVDD
1.7
1.8
1.9
V
AVDD3
2.7
3.3
3.6
V
DVDD
1.7
1.8
1.9
V
IOVDD
1.7
1.8
3.6
V
PERFORMANCE SPECIFICATION
AVDD = DVDD = IOVDD = 1.8 V, AVDD3 = 3.3 V, and TA = 25°C, unless otherwise noted.
Table 2. Performance Specifications
Parameter
Test Condition/Comments
Min
Typ
Max
Unit
DATA ACQUISTION
Datapath Width
32
Bits
FIRST IN, FIRST OUT (FIFO) SIZE
704
Bytes
INTERNAL 960 kHz OSCILLATOR
ACCURACY
Full temperature range (−40°C to +85°C)
±1
%
PHOTOPLETHYSMOGRAPHY (PPG)
CHANNEL
Transimpedance Amplifier (TIA) Gain
12.5
400
kΩ
DIGITAL INTEGRATION MODE
Analog-to-Digital Converter (ADC)
Resolution
TIA feedback resistor (RF)
12.5 kΩ
5.84
nA/LSB
25 kΩ
2.92
nA/LSB
50 kΩ
1.46
nA/LSB
100 kΩ
0.73
nA/LSB
200 kΩ
0.365
nA/LSB
400 kΩ
0.183
nA/LSB
ADC Saturation Level
TIA feedback resistor
12.5 kΩ
48
μA
25 kΩ
24
μA
50 kΩ
12
μA
100 kΩ
6
μA
200 kΩ
3
μA
400 kΩ
1.5
μA
DC Ambient Light Rejection (ALR)
ALR Range
0
300
μA
ALR Resolution
0.6
μA
LED DC Cancellation
Range
0
190
μA
Resolution
1.48
μA
Dark Noise
Pulse = 1, ADC sample = 20
TIA gain = 12.5 kΩ
1590
pA RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com