Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 64 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 60Page - Analog Devices ADPD7008 Datasheet HTML 61Page - Analog Devices ADPD7008 Datasheet HTML 62Page - Analog Devices ADPD7008 Datasheet HTML 63Page - Analog Devices ADPD7008 Datasheet HTML 64Page - Analog Devices ADPD7008 Datasheet HTML 65Page - Analog Devices ADPD7008 Datasheet HTML 66Page - Analog Devices ADPD7008 Datasheet HTML 67Page - Analog Devices ADPD7008 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
Data Sheet
ADPD7008
REGISTER DETAILS
analog.com
Rev. 0 | 64 of 71
Table 16. Register Details (Continued)
Reg
Name
Bits Bit Name
Description
Reset
Access
Output current varies monotonically from 1.57 mA
to 200 mA for values between 0x01 and 0x7F.
0x168
LED_POW12_C
7
RESERVED
Reserved.
0x0
R
0x188
LED_POW12_D
[6:0] LED_CURRENT1_x
Led current setting for the LED1A, LED1B,
LED1C, or LED1D output. Set to 0 to disable.
Output current varies monotonically from 1.57 mA
to 200 mA for values between 0x01 and 0x7F.
0x0
R/W
0x1A8
LED_POW12_E
0x1C8
LED_POW12_F
0x1E8
LED_POW12_G
0x208
LED_POW12_H
0x228
LED_POW12_I
0x248
LED_POW12_J
0x268
LED_POW12_K
0x288
LED_POW12_L
0x129
LED_MODE_A
[15:
8]
RESERVED
Reserved.
0x0
R
0x149
LED_MODE_B
[7:6] LED_DRIVESIDE2_x
Led output select for LED2x.
0x0
R/W
0x169
LED_MODE_C
00: drives LED on Output LED2A.
0x189
LED_MODE_D
01: drives LED on Output LED2B.
0x1A9
LED_MODE_E
10: drives LED on Output LED2C.
0x1C9
LED_MODE_F
11: drives LED on Output LED2D.
0x1E9
LED_MODE_G
[5:4] LED_DRIVESIDE1_x
Led output select for LED1x.
0x0
R/W
0x209
LED_MODE_H
00: drives LED on Output LED1A.
0x229
LED_MODE_I
01: drives LED on Output LED1B.
0x249
LED_MODE_J
10: drives LED on Output LED1C.
0x269
LED_MODE_K
11: drives LED on Output LED1D.
0x289
LED_MODE_L
[3:2] RESERVED
Reserved.
0x0
R
1
LED_MODE2_x
Choose the operation mode of the LED2x.
0x0
R/W
0: high SNR mode.
1: low compliance mode.
0
LED_MODE1_x
Choose the operation mode of the LED1x.
0x0
R/W
0: high SNR mode.
1: low compliance mode.
0x12A
COUNTS_A
[15:
8]
NUM_INT_x
Number of ADC cycles or acquisition width.
Number of analog integration cycles per ADC
conversion or the acquisition width for digital
integration. A setting of 0 is not allowed.
0x1
R/W
0x14A
COUNTS_B
[7:0] NUM_REPEAT_x
Number of sequence repeats. Total number of
pulses = NUM_INT_x × NUM_REPEAT_x. A
setting of 0 is not allowed.
0x1
R/W
0x16A
COUNTS_C
0x18A
COUNTS_D
0x1AA
COUNTS_E
0x1CA
COUNTS_F
0x1EA
COUNTS_G
0x20A
COUNTS_H
0x22A
COUNTS_I
0x24A
COUNTS_J
0x26A
COUNTS_K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com