Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 14Page - Analog Devices ADPD7008 Datasheet HTML 15Page - Analog Devices ADPD7008 Datasheet HTML 16Page - Analog Devices ADPD7008 Datasheet HTML 17Page - Analog Devices ADPD7008 Datasheet HTML 18Page - Analog Devices ADPD7008 Datasheet HTML 19Page - Analog Devices ADPD7008 Datasheet HTML 20Page - Analog Devices ADPD7008 Datasheet HTML 21Page - Analog Devices ADPD7008 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
Data Sheet
ADPD7008
THEORY OF OPERATION
analog.com
Rev. 0 | 18 of 71
can be routed to Interrupt Y and used to drive an additional host
interrupt pin.
For each interrupt, there is an associated Interrupt X and Interrupt
Y enable bit. See Table 16 for a full list of available interrupts that
can be brought out on Interrupt X and Interrupt Y. The logic for the
Interrupt X and Interrupt Y function is a logic AND of the status
bit with its matching enable bit. All enabled status bits are then
logically OR’ed to create the interrupt function. The enable bits do
not affect the status bits.
General-Purpose I/Os
The ADPD7008 provides two general-purpose I/O pins: GPIO0 and
GPIO1. These GPIOs can be used as previously described in the
Interrupt Outputs, Interrupt X and Interrupt Y section for interrupt
outputs or for providing external clock signals to the device. The
GPIOs can also be used for many different control signals, as
synchronization controls to external devices, as well as test signals
that are useful during system debugging. All of the available signals
that can be brought out on a GPIOx pin are listed in Table 16.
IOVDD Supply Voltage Consideration
The ADPD7008 can operate with IOVDD as low as 1.7 V and as
high as 3.6 V. LOW_IOVDD_EN in Register 0x0057 is set to 0x1 for
IOVDD lower than 3 V. 0x1 is the default value for this bit because
the typical IOVDD value is 1.8 V.
If 3 V or higher is supplied for IOVDD, the LOW_IOVDD_EN bit
must be set to 0x0 for proper operation.
SPI
The ADPD7008 contains an SPI port that operates synchronously
with its input clocks.
The ADPD7008 has an internal power-on reset circuit that sets the
device into a known idle state during the initial power-up. After the
power-on reset is released, approximately 2 µs to 6 μs after the
DVDD supply is active, there is an initialization state that sets the
register default values. This initialization state lasts approximately
15 µs to 20 µs. The device can then be read and written through
the SPI.
The registers are accessed using addresses within a 15-bit address
space. Each address references a 15-bit register with one address
reserved for the FIFO read accesses. For SPIs, reads and writes
auto-increment to the next register if additional words are accessed
as part of the same access sequence. This automatic address
increment occurs for all addresses except the FIFO address, one
less than the FIFO address and the last used address, which is
0x351. Reads from the FIFO address continue to access the next
byte from the FIFO.
SPI Operations
The SPI single register write operation is shown in Figure 19. The
first two bytes contain the 15-bit register address and specify that a
write is requested. The remaining two bytes are the 16 data bits to
write to the register. The register write occurs only when all 16 bits
are shifted in prior to deassertion of the CS signal.
In addition, multiple registers can be written if additional 16-bit
data is shifted in before deassertion of the CS signal. The register
address automatically increments to the next register after each 16
bits of data.
The SPI single register read operation is shown in Figure 20. The
first two bytes contain the 15-bit register address and specify that
a read is requested. Register bits are shifted out starting with the
MSB. In addition, multiple registers can be read if additional 16-bit
data is shifted out prior to deassertion of the CS signal.
It is recommended that reading from the FIFO is performed byte
wise. There is no requirement to read multiples of 16 bits.
Figure 19. SPI Write Operation
Figure 20. SPI Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com