Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 3Page - Analog Devices ADPD7008 Datasheet HTML 4Page - Analog Devices ADPD7008 Datasheet HTML 5Page - Analog Devices ADPD7008 Datasheet HTML 6Page - Analog Devices ADPD7008 Datasheet HTML 7Page - Analog Devices ADPD7008 Datasheet HTML 8Page - Analog Devices ADPD7008 Datasheet HTML 9Page - Analog Devices ADPD7008 Datasheet HTML 10Page - Analog Devices ADPD7008 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
Data Sheet
ADPD7008
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 7 of 71
Table 5. Absolute Maximum Ratings
Parameter
Rating
AVDD to AGND
−0.3 V to +2.2 V
AVDD3 to AGND
−0.3 V to +3.9 V
DVDD to DGND
−0.3 V to +2.2 V
IOVDD to IOGND
−0.3 V to +3.9 V
GPIOx, MOSI, MISO, SCLK, CS to DGND
−0.3 V to +3.9 V
LEDxx to LGND
−0.3 V to +3.9 V
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure, and θJC is the
junction to case thermal resistance.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
CB-36-111
42.15
0.98
°C/W
1 The thermal resistance values are defined as per the JESD51-12 standard.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD
sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
Machine model (MM) per ANSI/ESD STM5.2. MM voltage values
are for characterization only.
ESD Ratings for ADPD7008
Table 7. ADPD7008, 36-Ball WLCSP
ESD Model
Withstand Threshold (V)
Class
HBM
2500
2
CDM
1250
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com