Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 63 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 59Page - Analog Devices ADPD7008 Datasheet HTML 60Page - Analog Devices ADPD7008 Datasheet HTML 61Page - Analog Devices ADPD7008 Datasheet HTML 62Page - Analog Devices ADPD7008 Datasheet HTML 63Page - Analog Devices ADPD7008 Datasheet HTML 64Page - Analog Devices ADPD7008 Datasheet HTML 65Page - Analog Devices ADPD7008 Datasheet HTML 66Page - Analog Devices ADPD7008 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
Data Sheet
ADPD7008
REGISTER DETAILS
analog.com
Rev. 0 | 63 of 71
Table 16. Register Details (Continued)
Reg
Name
Bits Bit Name
Description
Reset
Access
0x1A5
AFE_TRIM2_E
[11:6
]
RESERVED
Reserved.
0x0
R
0x1C5
AFE_TRIM2_F
[5:3] TIA_GAIN_CH4_x
TIA resistor gain setting for Channel 4.
0x0
R/W
0x1E5
AFE_TRIM2_G
000: 400 kΩ.
0x205
AFE_TRIM2_H
001: 200 kΩ.
0x225
AFE_TRIM2_I
010: 100 kΩ.
0x245
AFE_TRIM2_J
011: 50 kΩ.
0x265
AFE_TRIM2_K
100: 25 kΩ.
0x285
AFE_TRIM2_L
101: 12.5 kΩ.
[2:0] TIA_GAIN_CH3_x
TIA resistor gain setting for Channel 3.
0x0
R/W
000: 400 kΩ.
001: 200 kΩ.
010: 100 kΩ.
011: 50 kΩ.
100: 25 kΩ.
101: 12.5 kΩ.
0x126
AFE_DAC1_A
[15:
7]
DAC_AMBIENT_CH1_x
Channel 1 ambient cancellation DAC code, from 0
µA to 300 µA with 0.6 µA/LSB.
0x0
R/W
0x146
AFE_DAC1_B
[6:0] DAC_LED_DC_CH1_x
Channel 1 LED DC offset cancellation DAC code,
from 0 µA to 190 µA with 1.5 µA/LSB. Set to 0 to
disable.
0x0
R/W
0x166
AFE_DAC1_C
0x186
AFE_DAC1_D
0x1A6
AFE_DAC1_E
0x1C6
AFE_DAC1_F
0x1E6
AFE_DAC1_G
0x206
AFE_DAC1_H
0x226
AFE_DAC1_I
0x246
AFE_DAC1_J
0x266
AFE_DAC1_K
0x286
AFE_DAC1_L
0x127
AFE_DAC2_A
[15:
7]
DAC_AMBIENT_CH2_x
Channel 2 ambient cancellation DAC code, from 0
µA to 300 µA with 0.6 µA/LSB.
0x0
R/W
0x147
AFE_DAC2_B
[6:0] DAC_LED_DC_CH2_x
Channel 2 LED DC offset cancellation DAC code,
from 0 µA to 190 µA with 1.5 µA/LSB. Set to 0 to
disable.
0x0
R/W
0x167
AFE_DAC2_C
0x187
AFE_DAC2_D
0x1A7
AFE_DAC2_E
0x1C7
AFE_DAC2_F
0x1E7
AFE_DAC2_G
0x207
AFE_DAC2_H
0x227
AFE_DAC2_I
0x247
AFE_DAC2_J
0x267
AFE_DAC2_K
0x287
AFE_DAC2_L
0x128
LED_POW12_A
15
RESERVED
Reserved.
0x0
R
0x148
LED_POW12_B
[14:
8]
LED_CURRENT2_x
LED current setting for the LED2A, LED2B,
LED2C, or LED2D output. Set to 0 to disable.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com