Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 22 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 18Page - Analog Devices ADPD7008 Datasheet HTML 19Page - Analog Devices ADPD7008 Datasheet HTML 20Page - Analog Devices ADPD7008 Datasheet HTML 21Page - Analog Devices ADPD7008 Datasheet HTML 22Page - Analog Devices ADPD7008 Datasheet HTML 23Page - Analog Devices ADPD7008 Datasheet HTML 24Page - Analog Devices ADPD7008 Datasheet HTML 25Page - Analog Devices ADPD7008 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
Data Sheet
ADPD7008
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 22 of 71
Figure 25. Timing of OSRAM FIREFLY CT DBLP31.12 (Green LED)
DESIGN GUIDE
The ADPD7008 is a vital sign monitoring AFE. The performance of
the device can be adversely impacted by the PCB layout, especially
for the analog input interfaces.
Power Rails
For the power supply, decouple the AVDD, AVDD3, DVDD, and
IOVDD pins with a 0.1 μF or larger ceramic chip capacitor to the
PCB ground plane placed near the power pins. It is recommended
that all decoupling capacitors use individual vias to the PCB ground
plane to avoid mutual impedance coupling between decoupled
supplies when sharing vias.
Optical Channel
For the PPG channel, decouple the VREF1 pin and VREF2 pin to
the PCB ground plane with a 1.0 μF ceramic capacitor. The voltage
on the VREF1 pin and VREF2 pin is nominally 1.2 V. Therefore,
a 6.3 V rated ceramic capacitor is adequate for this purpose. The
most critical aspect of the PCB layout of the ADPD7008 is the
handling of the IN1, IN2, IN3, and IN4 nodes. Because photodiode
input is sensitive to noise, and any parasitic capacitive coupling to
the pin can result in additional noise, it is recommended that the
photodiode input trace in the layout be as short as possible and
fully guarded by the ground plane.
For example, for a 6-layer stack design, place the chip in the top
layer with the optical components in the bottom layer. Therefore, it
is recommended to make the IN1, IN2, IN3, and IN4 trace length
in the top short to avoid parasitic effects. In the bottom layer, the
IN1, IN2, IN3, and IN4 traces and the photodiode anode are fully
guarded with the ground shape and trace. VC1 and the photodiode
cathode are also guarded with the ground plane. Layer 5 is filled
with a ground plane for reference. Keep the analog input signals
away from other digital or noisy signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com