Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 23 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 19Page - Analog Devices ADPD7008 Datasheet HTML 20Page - Analog Devices ADPD7008 Datasheet HTML 21Page - Analog Devices ADPD7008 Datasheet HTML 22Page - Analog Devices ADPD7008 Datasheet HTML 23Page - Analog Devices ADPD7008 Datasheet HTML 24Page - Analog Devices ADPD7008 Datasheet HTML 25Page - Analog Devices ADPD7008 Datasheet HTML 26Page - Analog Devices ADPD7008 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
Data Sheet
ADPD7008
REGISTER SUMMARY
analog.com
Rev. 0 | 23 of 71
Table 15. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x000
FIFO_STA
TUS
[15:8]
CLEAR_FI
FO
INT_FIFO_U
FLOW
INT_FIFO_
OFLOW
INT_FIFO_T
H
FIFO_INIT_
DONE_STA
TUS
FIFO_BYTE_COUNT[10:8]
0x0000
R/W
[7:0]
FIFO_BYTE_COUNT[7:0]
0x001
INT_STAT
US_TS1
[15:8]
RESERVED
INT_PPG_L
EV0_L
INT_PPG_L
EV0_K
INT_PPG_L
EV0_J
INT_PPG_L
EV0_I
0x0000
R/W
[7:0]
INT_PPG_
LEV0_H
INT_PPG_L
EV0_G
INT_PPG_L
EV0_F
INT_PPG_L
EV0_E
INT_PPG_L
EV0_D
INT_PPG_L
EV0_C
INT_PPG_L
EV0_B
INT_PPG_L
EV0_A
0x002
INT_STAT
US_TS2
[15:8]
RESERVED
INT_PPG_L
EV1_L
INT_PPG_L
EV1_K
INT_PPG_L
EV1_J
INT_PPG_L
EV1_I
0x0000
R/W
[7:0]
INT_PPG_
LEV1_H
INT_PPG_L
EV1_G
INT_PPG_L
EV1_F
INT_PPG_L
EV1_E
INT_PPG_L
EV1_D
INT_PPG_L
EV1_C
INT_PPG_L
EV1_B
INT_PPG_L
EV1_A
0x006
FIFO_TH
[15:8]
RESERVED
FIFO_TH[9:8]
0x000C
R/W
[7:0]
FIFO_TH[7:0]
0x007
INT_ACLE
AR
[15:8]
INT_ACLE
AR_FIFO
RESERVED
0x8000
R/W
[7:0]
RESERVED
0x008
CHIP_ID
[15:8]
VERSION
0x00C6
R
[7:0]
CHIP_ID
0x009
OSC32M
[15:8]
RESERVED
OSC_32M_
EFUSE_CT
RL
0x0080
R/W
[7:0]
OSC_32M_FREQ_ADJ
0x00A
OSC32M_
CAL
[15:8]
OSC_32M
_CAL_STA
RT
OSC_32M_CAL_COUNT[14:8]
0x0000
R/W
[7:0]
OSC_32M_CAL_COUNT[7:0]
0x00B
OSC960K
[15:8]
CAPTURE
_TIMESTA
MP
RESERVED
OSC_960K_
EFUSE_CT
RL
OSC_CAL_
ENABLE
OSC_960K_FREQ_ADJ[9:
8]
0x0AB2 R/W
[7:0]
OSC_960K_FREQ_ADJ[7:0]
0x00D
TS_FREQ [15:8]
TIMESLOT_PERIOD_L[15:8]
0x2580
R/W
[7:0]
TIMESLOT_PERIOD_L[7:0]
0x00E
TS_FREQ
H
[15:8]
RESERVED
0x0000
R/W
[7:0]
RESERVE
D
TIMESLOT_PERIOD_H
0x00F
SYS_CTL
[15:8]
SW_RESE
T
RESERVED
LEAD_ON_
MODE
ALT_CLOCKS
0x0000
R/W
[7:0]
ALT_CLK_GPIO
LP_MODE_
SLEEP
GO_SLEEP RANDOM_S
LEEP
TM_CLK_G
PIO_SEL
OSC_960K_
EN
RESERVED
0x010
OPMODE
[15:8]
RESERVED
0x0000
R/W
[7:0]
PPG_TIMESLOT_EN
RESERVED
OP_MODE
0x011
STAMP_L
[15:8]
TIMESTAMP_COUNT_L[15:8]
0x0000
R
[7:0]
TIMESTAMP_COUNT_L[7:0]
0x012
STAMP_H [15:8]
TIMESTAMP_COUNT_H[15:8]
0x0000
R
[7:0]
TIMESTAMP_COUNT_H[7:0]
0x013
STAMPDE
LTA
[15:8]
TIMESTAMP_SLOT_DELTA[15:8]
0x0000
R
[7:0]
TIMESTAMP_SLOT_DELTA[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com