Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 1 Page - Analog Devices

  ADPD7008 Datasheet HTML 1Page - Analog Devices ADPD7008 Datasheet HTML 2Page - Analog Devices ADPD7008 Datasheet HTML 3Page - Analog Devices ADPD7008 Datasheet HTML 4Page - Analog Devices ADPD7008 Datasheet HTML 5Page - Analog Devices ADPD7008 Datasheet HTML 6Page - Analog Devices ADPD7008 Datasheet HTML 7Page - Analog Devices ADPD7008 Datasheet HTML 8Page - Analog Devices ADPD7008 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
Data Sheet
ADPD7008
Multimodal Sensor Front End
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Optical channel
►
4 input channels with multiple operation modes for various
sensor measurements
►
4-channel processing with simultaneous sampling
►
12 programmable time slots for synchronized sensor meas-
urements
►
Flexible input multiplexing to support single-ended sensor
measurements
►
8 LED drivers, 2 of which can be driven simultaneously
►
Flexible sampling rate from 0.004 Hz to 9 kHz using internal
oscillators
►
AC ambient light rejection: 78 dB up to 100 Hz
►
400 mA total LED peak drive current
►
Individual ambient cancellation DAC at TIA input with 9-bit
control up to 300 μA
►
Individual LED DC cancellation DAC at TIA input with 7-bit
control up to 190 μA
►
SPI communications supported
►
704-byte FIFO
APPLICATIONS
►
Wearable health and fitness monitors: heart rate, heart rate
variability, and saturation level of pulse oxygen
►
Clinical patient monitors: small bed side patient, home portable
patient, and small remote patient
►
Industrial monitoring: particle, aerosol, and gas detection
GENERAL DESCRIPTION
The ADPD7008 is a highly integrated analog front end (AFE)
designed for measuring various vital signals.
The optical channel is designed as an optical transceiver, stimulat-
ing up to eight light emitting diodes (LEDs) and measuring the
return signal on up to four separate current inputs. The signal chain
rejects signal offsets and corruption from asynchronous modulated
interference, typically from ambient light, eliminating the need for
optical filters or externally controlled DC cancellation circuitry.
The data output and functional configuration use a serial port inter-
face (SPI) on the ADPD7008. The control circuitry includes flexible
LED signaling and synchronous detection, digital filters, digital wave
generators, and configurable filters.
The ADPD7008 is available in a 2.795 mm × 2.560 mm, 0.40 mm
pitch, 36-ball WLCSP.


Similar Part No. - ADPD7008

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD7000 AD-ADPD7000 Datasheet
2Mb / 127P
Multimodal Sensor Front End
Rev. 0
ADPD7000BCBZR7 AD-ADPD7000BCBZR7 Datasheet
2Mb / 127P
Multimodal Sensor Front End
Rev. 0
More results

Similar Description - ADPD7008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
Inductive Sensor Analog Front End Device
2009
logo
Texas Instruments
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Exar Corporation
XR18910 EXAR-XR18910 Datasheet
948Kb / 19P
8:1 Sensor Interface Analog Front End
logo
Shenzhen Huazhimei Semi...
HM1001 HMSEMI-HM1001 Datasheet
486Kb / 9P
Infrared sensor analog front end dedicated chip
logo
Analog Devices
ADPD4000 AD-ADPD4000 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4100 AD-ADPD4100 Datasheet
1Mb / 101P
Multimodal Sensor Front End
6/2020-Revision 0
ADPD4200 AD-ADPD4200 Datasheet
1Mb / 93P
Multimodal Sensor Front End
Rev. 0
ADPD6000 AD-ADPD6000 Datasheet
1Mb / 89P
Multimodal Sensor Front End
Rev. 0
ADPD7000 AD-ADPD7000 Datasheet
2Mb / 127P
Multimodal Sensor Front End
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com