Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 69 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 63Page - Analog Devices ADPD7008 Datasheet HTML 64Page - Analog Devices ADPD7008 Datasheet HTML 65Page - Analog Devices ADPD7008 Datasheet HTML 66Page - Analog Devices ADPD7008 Datasheet HTML 67Page - Analog Devices ADPD7008 Datasheet HTML 68Page - Analog Devices ADPD7008 Datasheet HTML 69Page - Analog Devices ADPD7008 Datasheet HTML 70Page - Analog Devices ADPD7008 Datasheet HTML 71Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 69 / 71 page
background image
Data Sheet
ADPD7008
REGISTER DETAILS
analog.com
Rev. 0 | 69 of 71
Table 16. Register Details (Continued)
Reg
Name
Bits Bit Name
Description
Reset
Access
0x1D7
DECIMATE_F
[13:
11]
RESERVED
Reserved.
0x0
R
0x1F7
DECIMATE_G
[10:
4]
SUBSAMPLE_RATIO_x
Reduce the output data rate that is equal to (the
timer clock frequency)/(TIMESLOT_PERIOD_x)/
(SUBSAMPLE_RATIO_x).When this bit is set
larger than 1, operate the time slot only once
per (SUBSAMPLE_RATIO_x) time slot sequence.
This subsampling aligns to other time slots
using the same SUBSAMPLE_RATIO_x. It skips
(SUBSAMPLE_RATIO_x − 1) times and then
executes the time slot. Output data rate is the
sample rate/(SUBSAMPLE_RATIO_x).
0x1
R/W
0x217
DECIMATE_H
[3:0] RESERVED
Reserved.
0x0
R
0x237
DECIMATE_I
0x257
DECIMATE_J
0x277
DECIMATE_K
0x297
DECIMATE_L
0x138
DIGINT_LIT_A
[15:
9]
RESERVED
Reserved.
0x0
R
0x158
DIGINT_LIT_B
[8:0] LIT_OFFSET_x
Acquisition Window Lit Offset for Time Slot x.
0x26
R/W
0x178
DIGINT_LIT_C
0x198
DIGINT_LIT_D
0x1B8
DIGINT_LIT_E
0x1D8
DIGINT_LIT_F
0x1F8
DIGINT_LIT_G
0x218
DIGINT_LIT_H
0x238
DIGINT_LIT_I
0x258
DIGINT_LIT_J
0x278
DIGINT_LIT_K
0x298
DIGINT_LIT_L
0x139
DIGINT_DARK_A
[15:
7]
DARK2_OFFSET_x
Acquisition window Dark Offset 2 for Time Slot x.
0x1
R/W
0x159
DIGINT_DARK_B
[6:0] DARK1_OFFSET_x
Acquisition window Dark Offset 1 for Time Slot x.
0x6
R/W
0x179
DIGINT_DARK_C
0x199
DIGINT_DARK_D
0x1B9
DIGINT_DARK_E
0x1D9
DIGINT_DARK_F
0x1F9
DIGINT_DARK_G
0x219
DIGINT_DARK_H
0x239
DIGINT_DARK_I
0x259
DIGINT_DARK_J
0x279
DIGINT_DARK_K
0x299
DIGINT_DARK_L
0x13A
ADC_OFF3_A
[15:
14]
RESERVED
Reserved.
0x0
R
0x15A
ADC_OFF3_B
[13:
0]
CH3_ADC_ADJUST_x
Adjustment to ADC value, which is subtracted
from the ADC value for Channel 3.
0x0
R/W
0x17A
ADC_OFF3_C
0x19A
ADC_OFF3_D
0x1BA
ADC_OFF3_E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com