Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 20 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 16Page - Analog Devices ADPD7008 Datasheet HTML 17Page - Analog Devices ADPD7008 Datasheet HTML 18Page - Analog Devices ADPD7008 Datasheet HTML 19Page - Analog Devices ADPD7008 Datasheet HTML 20Page - Analog Devices ADPD7008 Datasheet HTML 21Page - Analog Devices ADPD7008 Datasheet HTML 22Page - Analog Devices ADPD7008 Datasheet HTML 23Page - Analog Devices ADPD7008 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
Data Sheet
ADPD7008
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 20 of 71
Figure 22. One-Region Digital Integration Mode Timing Diagram
Figure 23. Two-Region Digital Integration Mode Timing Diagram
Table 13. Relevant Settings for Digital Integration Modes, for Example, for Time Slot A
Group
Time Slot A Register Address
Bit Field Name
Description
Signal Path Setup 0x0120, Bits[13:11]
SAMPLE_TYPE_A
Set to 0x2 for one-region digital integration mode. Set to 0x3 for two-region digital
integration mode.
0x0121, Bits[6:0]
AFE_PATH_CFG_A
Set to 0x28 for TIA, buffer, and ADC. Use 1x TIA configuration.
0x0122, Bits[7:0]
INPxx_A
Enable desired inputs.
0x0123, Bits[14:12]
PRECON_A
Set to 0x5 to precondition anode of photodiode to TIA_VREF.
0x0123, Bits[1:0]
VC1_SELECT_A
Set to 0x2 to set ~215 mV reverse bias across photodiode.
0x0124, Bits[5:0]
TIA_GAIN_CHx_A
Select TIA gain.
0x0124, Bits[9:8]
AFE_TRIM_VREF_A
Set to 0x2 to set TIA_VREF = 0.8855 V.
0x0124, Bits[12:11]
AFE_BUFFER_GAIN_A
Buffer gain selection. Set to 2 to select buffer gain = 2.
0x125, Bits[13:12]
AFE_BUFFER_CAP_A
Buffer feedback capacitor selection. Set to 0x1 to 12.6 pF.
Timing
0x012A, Bits[15:8]
NUM_INT_A
Set to the number of desired ADC conversions in the dark and lit regions.
0x012A, Bits[7:0]
NUM_REPEAT_A
Number of sequence repeats.
0x012B, Bits[9:0]
MIN_PERIOD_A
Set the period. Automatic period calculation is not supported in digital integration
mode.
0x0138, Bits[8:0]
LIT_OFFSET_A
Set to the time of the first ADC conversion in the lit region.
0x0139, Bits[6:0]
DARK1_OFFSET_A
Set to the time of the first ADC conversion in the Dark 1 region.
0x0139, Bits[15:7]
DARK2_OFFSET_A
Set to the time of the first ADC conversion in the Dark 2 region. Only used in
two-region digital integration mode.
LED Settings
0x0129, Bits[1:0]
LED_MODEx_A
Select LED mode.
0x0129, Bits[7:4]
LED_DRIVESIDEx_A
Select LED for time slot used.
0x0128, Bits[14:8], Bits[6:0]
LED_CURRENTx_A
Set LED current for selected LED.
0x012C, Bits[7:0]
LED_OFFSET_A
Sets start time of first LED pulse in 1 μs increments.
0x012C, Bits[15:8]
LED_WIDTH_A
Sets width of LED pulse in 1 μs increments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com