Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 15Page - Analog Devices ADPD7008 Datasheet HTML 16Page - Analog Devices ADPD7008 Datasheet HTML 17Page - Analog Devices ADPD7008 Datasheet HTML 18Page - Analog Devices ADPD7008 Datasheet HTML 19Page - Analog Devices ADPD7008 Datasheet HTML 20Page - Analog Devices ADPD7008 Datasheet HTML 21Page - Analog Devices ADPD7008 Datasheet HTML 22Page - Analog Devices ADPD7008 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
Data Sheet
ADPD7008
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 19 of 71
OPTICAL PATH
Digital Integration Mode
The ADPD7008 supports a digital integration mode in the optical
path to accommodate sensors that require longer pulses. Digital
integration mode allows the system to use a larger LED duty cycle,
which can result in the highest achievable SNR levels.
Figure 21. Signal Path for Digital Integration Mode
In digital integration mode, the integrator is configured as a buffer,
resulting in the signal path shown in Figure 21. Digital integration
regions are configured by the user and separated into lit and dark
regions. The LED is pulsed in the lit region, and the LED is off in
the dark region. ADC samples are taken at 1 μs intervals within the
lit and dark regions and are then digitally integrated. The integration
of the ADC samples from the dark region is subtracted from the
integration of the ADC samples from the lit region, and the result is
written into the relevant FIFO. Both signal and dark values can be
written to the FIFO.
The ADPD7008 supports one-region and two-region digital integra-
tion modes. In one-region digital integration mode, an equal number
of dark and lit samples are taken where all of the dark samples are
taken in the dark region just before the lit region. One-region digital
integration mode is shown in the timing diagram in Figure 22.
In two-region digital integration mode, an equal number of dark
and lit samples are taken. However, the dark region is split such
that half of the samples are taken in the dark region before the lit
region, and the other half is taken in the dark region following the
lit region. The two-region digital integration mode results in higher
ambient light rejection than the one-region digital integration mode
in situations with a varying ambient light level. A timing diagram for
two-region digital integration mode is shown in Figure 23.
The signal data for one-region digital integration mode that reads
from the FIFO follows:
Signal= IPD×RTIA×TIA_CONFIG×BUF
_GAIN×NUM_INT_x×NUM_REPEAT_x/
146 μV/LSB
(2)
where:
IPD is the PD current.
TIA_CONFIG is the TIA configuration. BUF_GAIN is the buffer gain.
The signal data for two-region digital integration mode that reads
from the FIFO follows:
Signal= IPD×RTIA×TIA_CONFIG×BUF
_GAIN×NUM_INT_x×NUM_REPEAT_x/
146 μV/LSB ×2
(3)
The AFE_PATH_CFG_x, TIA_GAIN_CHx_x, AFE_BUF-
FER_GAIN_x, and AFE_BUFFER_CAP_x bits must follow a certain
combination in digital integration mode (both one-region mode and
two-region mode). Table 12 shows the recommended settings of
these bits. The TIA gain setting is independent of these settings.
Table 12. Bit Settings for AFE Path in Digital Integration Mode
Bit Name
Recommended Setting
AFE_PATH_CFG_x
0x28
TIA_GAIN_CHx_x
0x3
AFE_BUFFER_GAIN_x
0x3
AFE_BUFFER_CAP_x
0x1
The result of the configurations of the bits in Table 12 is the 1× TIA
configuration with a buffer gain = 2.
Table 13 shows the relevant register settings for the digital integra-
tion modes of operation. The MIN_PERIOD_x bits must be set
manually with the proper period because the minimum period is not
automatically calculated in digital integration mode.
The recommended MIN_PERIOD_x setting for one-region digital
integration mode is as follows:
MIN_PERIOD_x=NUM_INT_x×2+ 2+tD ×2
The recommended MIN_PERIOD_x setting for two-region digital
integration mode is as follows:
MIN_PERIOD_x=NUM_INT_x×4+tD×2+6 μs
The tD value is the response time of the optical device. The 6 μs
time is essential for the ambient fine loop update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com