Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 8Page - Analog Devices ADPD7008 Datasheet HTML 9Page - Analog Devices ADPD7008 Datasheet HTML 10Page - Analog Devices ADPD7008 Datasheet HTML 11Page - Analog Devices ADPD7008 Datasheet HTML 12Page - Analog Devices ADPD7008 Datasheet HTML 13Page - Analog Devices ADPD7008 Datasheet HTML 14Page - Analog Devices ADPD7008 Datasheet HTML 15Page - Analog Devices ADPD7008 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
Data Sheet
ADPD7008
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 71
INTRODUCTION
The ADPD7008 is a vital signal monitoring AFE that comprises an
optical measurement path (PPG) measurement path.
The PPG measurement path works as a transceiver that supports
up to eight LEDs and four photodiode inputs. The current on the
LEDs is programmable from two 7-bit LED drivers. The receiver
path provides two high performance readout channels that can
sample simultaneously and can be configured separately. Two
high performance current DACs (IDACs) are implemented in each
channel to provide first class ambient light suppression and large
dynamic range in different application scenarios.
An internal state machine allows flexible control of this measure-
ment path. The acquisition data can be stored in a 704-byte FIFO.
TIME SLOT OPERATION
An internal configurable controller handles the operation of the
ADPD7008. This controller generates the timing needed to gener-
ate sampling regions comprising combinations of the three meas-
urement paths and sleep periods. To facilitate the use of multiple
signal chains, multiple time slots handle the access to different
transmitters or receivers.
The system is characterized by the ODR, which determines the
repetition periodicity of each enabled time slot. The enabled time
slots are repeated at the time slot rate configured by the TIME-
SLOT_PERIOD_x bits.
There are 12 time slots (PPG_TSA to PPG_TSL) in the ADPD7008,
as shown in Figure 14.
Each PPG time slot allows the creation of one or more LED pulses
and modulate pulses, as well as the acquisition of the photodiode
or other device current based on that stimulus. The operating
parameters for each time slot are highly configurable.
Equation 1 determines the sampling rate (time slot rate), as follows:
Sampling
 Rate
=Timer
 Clock Frequency (Hz)
/TIMESLOT_PERIODx 
(1)
Table 9. Sources of Low Frequency Clock (LFCLK) and Timer Clock1
LFCLK
Timer Clock
ALT_CLOCKS TM_CLK_GPIO_SEL
960 kHz Internal
960 kHz internal 0
N/A
960 kHz External
960 kHz external 1
N/A
960 kHz Internal
960 kHz internal 2
N/A
1 MHz External
(Divided from 32
MHz)
1 MHz external
(divided from 32
MHz)
3
N/A
960 kHz Internal
960 kHz external 4
1
960 kHz Internal
32 kHz external
4
0
1 N/A means not applicable.
Figure 14. Time Slot Allocation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com