Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 6Page - Analog Devices ADPD7008 Datasheet HTML 7Page - Analog Devices ADPD7008 Datasheet HTML 8Page - Analog Devices ADPD7008 Datasheet HTML 9Page - Analog Devices ADPD7008 Datasheet HTML 10Page - Analog Devices ADPD7008 Datasheet HTML 11Page - Analog Devices ADPD7008 Datasheet HTML 12Page - Analog Devices ADPD7008 Datasheet HTML 13Page - Analog Devices ADPD7008 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
Data Sheet
ADPD7008
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 10 of 71
DVDD = AVDD = 1.8 V, AVDD3 = 3.3 V, LGND = DGND = AGND = 0 V, and TA = 25°C, unless otherwise noted.
Figure 4. SNR vs. Photodiode Current, Number of Sequence Repeats = 1, TIA
Gain = 100 kΩ
Figure 5. SNR vs. Photodiode Current, LED Width = 24 μs, Number of
Sequence Repeats = 1
Figure 6. SNR vs. Photodiode Current, LED Width = 24 μs, TIA Gain = 100 kΩ
Figure 7. Referred to Input Noise vs. Number of Sequence Repeats
Figure 8. LED Driver Current vs. LED1B Driver Compliance, High SNR Mode
Figure 9. LED Driver Current vs. LED1B Driver Compliance, Low Compliance
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com