Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 68 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 63Page - Analog Devices ADPD7008 Datasheet HTML 64Page - Analog Devices ADPD7008 Datasheet HTML 65Page - Analog Devices ADPD7008 Datasheet HTML 66Page - Analog Devices ADPD7008 Datasheet HTML 67Page - Analog Devices ADPD7008 Datasheet HTML 68Page - Analog Devices ADPD7008 Datasheet HTML 69Page - Analog Devices ADPD7008 Datasheet HTML 70Page - Analog Devices ADPD7008 Datasheet HTML 71Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 68 / 71 page
background image
Data Sheet
ADPD7008
REGISTER DETAILS
analog.com
Rev. 0 | 68 of 71
Table 16. Register Details (Continued)
Reg
Name
Bits Bit Name
Description
Reset
Access
0x134
ADC_OFF2_A
[15:
14]
RESERVED
Reserved.
0x0
R/W
0x154
ADC_OFF2_B
[13:
0]
CH2_ADC_ADJUST_x
Adjustment to the ADC value, which is subtracted
from the ADC value for Channel 2.
0x0
R/W
0x174
ADC_OFF2_C
0x194
ADC_OFF2_D
0x1B4
ADC_OFF2_E
0x1D4
ADC_OFF2_F
0x1F4
ADC_OFF2_G
0x214
ADC_OFF2_H
0x234
ADC_OFF2_I
0x254
ADC_OFF2_J
0x274
ADC_OFF2_K
0x294
ADC_OFF2_L
0x135
DATA1_A
[15:
11]
DARK_SHIFT_x
Dark data shift.
0x0
R/W
0x155
DATA1_B
[10:
8]
DARK_SIZE_x
Dark data size.
0x0
R/W
0x175
DATA1_C
[7:3] SIGNAL_SHIFT_x
Signal data shift.
0x0
R/W
0x195
DATA1_D
[2:0] SIGNAL_SIZE_x
Signal data size.
0x3
R/W
0x1B5
DATA1_E
0x1D5
DATA1_F
0x1F5
DATA1_G
0x215
DATA1_H
0x235
DATA1_I
0x255
DATA1_J
0x275
DATA1_K
0x295
DATA1_L
0x136
DATA2_A
[15:
8]
RESERVED
Reserved.
0x0
R
0x156
DATA2_B
[7:3] LIT_SHIFT_x
Lit data shift.
0x0
R/W
0x176
DATA2_C
[2:0] LIT_SIZE_x
Lit data size.
0x0
R/W
0x196
DATA2_D
0x1B6
DATA2_E
0x1D6
DATA2_F
0x1F6
DATA2_G
0x216
DATA2_H
0x236
DATA2_I
0x256
DATA2_J
0x276
DATA2_K
0x296
DATA2_L
0x137
DECIMATE_A
[15:
14]
CHANNEL_EN_x
Channel enable.
0x0
R/W
0x157
DECIMATE_B
00: only Channel 1 enabled.
0x177
DECIMATE_C
01: Channel 1 and Channel 2 enabled.
0x197
DECIMATE_D
10: Channel 1, Channel 2, and Channel 3
enabled.
0x1B7
DECIMATE_E
11: Channel 1, Channel 2, Channel 3, and
Channel 4 enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com