Electronic Components Datasheet Search
  English  ▼

X  

ADPD7008 Datasheet(PDF) 65 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 61Page - Analog Devices ADPD7008 Datasheet HTML 62Page - Analog Devices ADPD7008 Datasheet HTML 63Page - Analog Devices ADPD7008 Datasheet HTML 64Page - Analog Devices ADPD7008 Datasheet HTML 65Page - Analog Devices ADPD7008 Datasheet HTML 66Page - Analog Devices ADPD7008 Datasheet HTML 67Page - Analog Devices ADPD7008 Datasheet HTML 68Page - Analog Devices ADPD7008 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
Data Sheet
ADPD7008
REGISTER DETAILS
analog.com
Rev. 0 | 65 of 71
Table 16. Register Details (Continued)
Reg
Name
Bits Bit Name
Description
Reset
Access
0x28A
COUNTS_L
0x12B
PERIOD_A
15
RESERVED
Reserved.
0x0
R
0x14B
PERIOD_B
14
COARSE_LOOP_WIDTH_x
The time duration for the coarse ambient
cancellation loop.
0x0
R/W
0x16B
PERIOD_C
0: 10 μs.
0x18B
PERIOD_D
1: 20 μs.
0x1AB
PERIOD_E
0x1CB
PERIOD_F
0x1EB
PERIOD_G
[13:
12]
MOD_TYPE_x
Modulation connection type.
0x0
R/W
0x20B
PERIOD_H
00: TIA is continuously connected to the input after
the precondition. No connection modulation.
0x22B
PERIOD_I
01: float type operation. Pulse connection from
the input to the TIA with modulate pulse, floating
between pulses.
0x24B
PERIOD_J
10: nonfloat type connection modulation. Pulse
connection from the input to the TIA. Connect to
the precondition value between pulses.
0x26B
PERIOD_K
[11:1
0]
RESERVED
Reserved.
0x0
R
0x28B
PERIOD_L
[9:0] MIN_PERIOD_x
Minimum period for pulse repetition. Override for
the automatically calculated period. Used in float
type operations to set the float time of second
and subsequent floats using the formula float =
MIN_PERIOD_x − MOD_WIDTH_x.
0x0
R/W
0x12C
LED_PULSE1_A
[15:
8]
LED_WIDTH_A
LED pulse width.
0x2
R/W
0x14C
LED_PULSE1_B
[7:0] LED_OFFSET_A
LED pulse offset.
0x10
R/W
0x16C
LED_PULSE1_C
0x18C
LED_PULSE1_D
0x1AC
LED_PULSE1_E
0x1CC
LED_PULSE1_F
0x1EC
LED_PULSE1_G
0x20C
LED_PULSE1_H
0x22C
LED_PULSE1_I
0x24C
LED_PULSE1_J
0x26C
LED_PULSE1_K
0x28C
LED_PULSE1_L
0x12D
AFE_DAC3_A
[15:
7]
DAC_AMBIENT_CH3_x
Channel 3 ambient cancellation DAC code, from 0
μA to 300 μA with 0.6 μA/LSB.
0x0
R/W
0x14D
AFE_DAC3_B
[6:0] DAC_LED_DC_CH3_x
Channel 3 LED DC offset cancellation DAC code,
from 0 μA to 190 μA with 1.5 μA/LSB. Set to 0 to
disable.
0x0
R/W
0x16D
AFE_DAC3_C
0x18D
AFE_DAC3_D
0x1AD
AFE_DAC3_E
0x1CD
AFE_DAC3_F
0x1ED
AFE_DAC3_G
0x20D
AFE_DAC3_H
0x22D
AFE_DAC3_I
0x24D
AFE_DAC3_J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com