Electronic Components Datasheet Search
  English  ▼

X  

AD9172 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9172
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9172 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9172 Datasheet HTML 45Page - Analog Devices AD9172 Datasheet HTML 46Page - Analog Devices AD9172 Datasheet HTML 47Page - Analog Devices AD9172 Datasheet HTML 48Page - Analog Devices AD9172 Datasheet HTML 49Page - Analog Devices AD9172 Datasheet HTML 50Page - Analog Devices AD9172 Datasheet HTML 51Page - Analog Devices AD9172 Datasheet HTML 52Page - Analog Devices AD9172 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 146 page
background image
Data Sheet
AD9172
JESD204B SERIAL DATA INTERFACE
analog.com
Rev. C | 49 of 146
Unexpected Control Character, NIT, Disparity
IRQs
For UEK character, NIT, and disparity errors, error count over the
threshold events are available as IRQ events. Enable these events
by writing to Register 0x4B8, Bits[7:5]. The IRQ event status can be
read at Register 0x4BA, Bits[7:5] after the IRQs are enabled.
See the Error Counter and IRQ Control section for information on
resetting the IRQ. See the Interrupt Request Operation section for
more information on IRQs.
Errors Requiring Reinitializing
A link reinitialization automatically occurs when four invalid disparity
characters or four NIT characters are received as per Section 7.1 of
the JESD204B specification. When a link reinitialization occurs, the
resync request is at least five frames and nine octets long.
The user can optionally reinitialize the link when the error count
for disparity errors, NIT errors, or UEK character errors reaches a
programmable error threshold. The process to enable the reinitiali-
zation feature for certain error types is as follows:
1. Choose and enable which errors to monitor by selecting them
in Register 0x480, Bits[5:3] to Register 0x487, Bits[5:3]. UEK,
BDE, and NIT error monitoring can be selected for each lane
by writing a 1 to the appropriate bit, as described in Table 33.
These are enabled by default.
2. Write a 0 to the corresponding bit to Register 0x480, Bits[2:0] to
Register 0x487, Bits[2:0] to take counter out of reset.
3. Enable the sync assertion mask for each type of error by
writing to SYNC_ASSERT_MASK (Register 0x47D, Bits[2:0])
according to Table 33.
4. Program the desired error counter threshold into ER-
RORTHRES (Register 0x47C).
5. For each error type enabled in the SYNC_ASSERT_MASK reg-
ister, if the error counter on any lane reaches the programmed
threshold, SYNCOUTx± falls, issuing a sync request. Note that
all error counts are reset when a link reinitialization occurs. The
IRQ does not reset and must be reset manually.
Table 33. Sync Assertion Mask (SYNC_ASSERT_MASK)
Addr.
Bit No.
Bit Name
Description
0x47D
2
BDE
Set to 1 to assert SYNCOUTx± if
the disparity error count reaches the
threshold
1
NIT
Set to 1 to assert SYNCOUTx± if the
NIT error count reaches the threshold
0
UEK
Set to 1 to assert SYNCOUTx± if the
UEK character error count reaches
the threshold
CGS, Frame Sync, Checksum, and ILAS
Monitoring
Register 0x470 to Register 0x473 can be monitored to verify that
each stage of the JESD204B link establishment has occurred.
Bit x of CODE_GRP_SYNC (Register 0x470) is high if Link Lane
x received at least four K28.5 characters and passed code group
synchronization.
Bit x of FRAME_SYNC (Register 0x471) is high if Link Lane x
completed initial frame synchronization.
Bit x of GOOD_CHECKSUM (Register 0x472) is high if the check-
sum sent over the lane matches the sum of the JESD204B parame-
ters sent over the lane during ILAS for Link Lane x. The parameters
can be added either by summing the individual fields in registers
or summing the packed register. The calculated checksums are the
lower eight bits of the sum of the following fields: DID, BID, LID,
SCR, L − 1, F − 1, K − 1, M − 1, N − 1, SUBCLASSV, NP − 1,
JESDV, S − 1, and HD.
Bit x of INIT_LANE_SYNC (Register 0x473) is high if Link Lane x
passed the initial lane alignment sequence.
CGS, Frame Sync, Checksum, and ILAS IRQs
Fail signals for CGS, frame sync, checksum, and ILAS are available
as IRQ events. Enable them by writing to Register 0x4B8, Bits[3:0].
The IRQ event status can be read at Register 0x4BA, Bits[3:0] after
the IRQs are enabled. Write a 1 to Register 0x4BA, Bit 0 to reset
the CGS IRQ. Write a 1 to Register 0x4BA, Bit 1 to reset the frame
sync IRQ. Write a 1 to Register 0x4BA, Bit 2 to reset the checksum
IRQ. Write a 1 to Register 0x4BA, Bit 3 to reset the ILAS IRQ.
See the Interrupt Request Operation section for more information.
Configuration Mismatch IRQ
The AD9172 has a configuration mismatch flag that is available as
an IRQ event. Use Register 0x4B9, Bit 0 to enable the mismatch
flag (it is enabled by default), and then use Register 0x4BB, Bit 0
to read back its status and reset the IRQ signal. See the Interrupt
Request Operation section for more information.
The configuration mismatch event flag is high when the link configu-
ration settings (in Register 0x450 to Register 0x45D) do not match
the JESD204B settings received by the device (Register 0x400 to
Register 0x40D).
This function is different from the good checksum flags in Regis-
ter 0x472. The good checksum flags ensure that the transmitted
checksum matches a calculated checksum based on the transmit-
ted settings. The configuration mismatch event ensures that the
transmitted settings match the configured settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com