Electronic Components Datasheet Search
  English  ▼

X  

AD9172 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9172
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9172 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9172 Datasheet HTML 11Page - Analog Devices AD9172 Datasheet HTML 12Page - Analog Devices AD9172 Datasheet HTML 13Page - Analog Devices AD9172 Datasheet HTML 14Page - Analog Devices AD9172 Datasheet HTML 15Page - Analog Devices AD9172 Datasheet HTML 16Page - Analog Devices AD9172 Datasheet HTML 17Page - Analog Devices AD9172 Datasheet HTML 18Page - Analog Devices AD9172 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 146 page
background image
Data Sheet
AD9172
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. C | 15 of 146
Table 10.
Parameter
Rating
ISET, FILT_COARSE, FILT_BYP, FILT_VCM
−0.3 V to AVDD1.8 + 0.3 V
SERDINx±
−0.2 V to SVDD1.0 + 0.2 V
SYNCOUT0±, SYNCOUT1±, RESET, TXEN0,
TXEN1, IRQ0, IRQ1, CS, SCLK, SDIO, SDO
−0.3 V to DVDD1.8 + 0.3 V
DAC0±, DAC1±, CLKIN±, CLKOUT±,
FILT_FINE
−0.2 V to AVDD1.0 + 0.2 V
SYSREF±
−0.2 V to DVDD1.0 + 0.2 V
AVDD1.0, DVDD1.0, SVDD1.0 to GND
−0.2 V to +1.2 V
AVDD1.8, DVDD1.8 to GND
−0.3 V to 2.2 V
Maximum Junction Temperature (TJ)1
118°C
Storage Temperature Range
−65°C to +150°C
Reflow
260°C
1 Some operating modes of the device may cause the device to approach
or exceed the maximum junction temperature during operation at supported
ambient temperatures. Removal of heat from the device may require additional
measures such as active airflow, heat sinks, or other measures.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
REFLOW PROFILE
The AD9172 reflow profile is in accordance with the JEDEC
JESD20 criteria for Pb-free devices. The maximum reflow tempera-
ture is 260°C.
THERMAL CHARACTERISTICS
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction
to case thermal resistance.
Thermal resistances and thermal characterization parameters are
specified vs. the number of PCB layers in different airflow velocities
(in m/sec). The use of appropriate thermal management techniques
is recommended to ensure that the maximum junction temperature
does not exceed the limits shown in Table 10.
Use the values in Table 11 in compliance with JEDEC 51-12.
Table 11. Simulated Thermal Resistance vs. PCB Layers1
PCB Type
Airflow
Velocity (m/
sec)
θJA
θJC_TOP
θJC_BOT
Unit
JEDEC 2s2p
Board
0.0
25.3
2.42
3.03
°C/W
1.0
22.6
N/A
N/A
°C/W
2.5
21.0
N/A
N/A
°C/W
12-Layer
PCB4
0.0
15.4
2.4
2.6
°C/W
1.0
13.1
N/A
N/A
°C/W
2.5
11.6
N/A
N/A
°C/W
1 N/A means not applicable.
2 1SOP PCB with no vias in PCB.
3 1SOP PCB with 7 × 7 standard JEDEC vias.
4 Non JEDEC thermal resistance.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com