Electronic Components Datasheet Search
  English  ▼

X  

AD9172 Datasheet(PDF) 96 Page - Analog Devices

Part # AD9172
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9172 Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9172 Datasheet HTML 92Page - Analog Devices AD9172 Datasheet HTML 93Page - Analog Devices AD9172 Datasheet HTML 94Page - Analog Devices AD9172 Datasheet HTML 95Page - Analog Devices AD9172 Datasheet HTML 96Page - Analog Devices AD9172 Datasheet HTML 97Page - Analog Devices AD9172 Datasheet HTML 98Page - Analog Devices AD9172 Datasheet HTML 99Page - Analog Devices AD9172 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 146 page
background image
Data Sheet
AD9172
REGISTER DETAILS
analog.com
Rev. C | 96 of 146
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x1
1×.
0x2
2×.
0x3
3×.
0x4
4×.
0x6
6×.
0x8
8×.
0x112
DDSM_DATAPATH_CFG [7:6]
RESERVED
Reserved.
0x0
R
[5:4]
DDSM_MODE
Modulator switch mode selection. This control
chooses the mode of operation for the main datapath
NCO being configured. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x0
R/W
00
DAC0 = I0; DAC1 = I1.
01
DAC0 = I0 + I1; DAC1 = Q0 + Q1.
10
DAC0 = I0; DAC1 = Q0.
11
DAC0 = I0 + I1; DAC1 = 0.
3
DDSM_NCO_EN
Main datapath modulation enable. If the JESD204B
mode chosen is a complex mode (main datapath
interpolation >1×), this bit must be set to 1 for
each main datapath being used. If no modulation is
desired, set the FTW to be 0. This control is paged by
the MAINDAC_PAGE bits in Register 0x008.
0x0
R/W
0
Disable main datapath NCO.
1
Enable main datapath NCO.
2
DDSM_
MODULUS_EN
Enable main datapath modulus DDS. This control
is paged by the MAINDAC_PAGE bits in Register
0x008.
0x0
R/W
0
Disable modulus DDS.
1
Enable modulus DDS.
1
DDSM_SEL_
SIDEBAND
Selects upper or lower sideband from modulation
result. This control is paged by the MAINDAC_PAGE
bits in Register 0x008.
0x0
R/W
0
Use upper sideband.
1
Use lower sideband = spectral flip.
0
EN_SYNC_ALL_
CHNL_NCO_RESETS
Selects the signal channel NCOS used for resets
and FTW updates. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x1
R/W
0
Channel NCOs reset or update their FTW based on
channel NCO update requests.
1
Channel NCOs reset or update their FTW based on
main datapath NCO update requests.
0x113
DDSM_FTW_
7
RESERVED
Reserved.
0x0
R
UPDATE
[6:4]
DDSM_FTW_REQ_
MODE
Frequency tuning word automatic update mode. This
control is paged by the MAINDAC_PAGE bits in
Register 0x008.
0x0
R/W
000
No automatic requests are generated when the FTW
registers are written.
001
Automatically generates a DDSM_FTW_
LOAD_REQ after DDSM_FTW Bits[7:0] are written.
010
Automatically generates a DDSM_FTW_
LOAD_REQ after DDSM_FTW Bits[15:8] are written.
011
Automatically generates a DDSM_FTW_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com