Electronic Components Datasheet Search
  English  ▼

X  

AD9172 Datasheet(PDF) 87 Page - Analog Devices

Part # AD9172
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9172 Datasheet(HTML) 87 Page - Analog Devices

Back Button AD9172 Datasheet HTML 83Page - Analog Devices AD9172 Datasheet HTML 84Page - Analog Devices AD9172 Datasheet HTML 85Page - Analog Devices AD9172 Datasheet HTML 86Page - Analog Devices AD9172 Datasheet HTML 87Page - Analog Devices AD9172 Datasheet HTML 88Page - Analog Devices AD9172 Datasheet HTML 89Page - Analog Devices AD9172 Datasheet HTML 90Page - Analog Devices AD9172 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 146 page
background image
Data Sheet
AD9172
REGISTER DETAILS
analog.com
Rev. C | 87 of 146
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x000
SPI_INTFCONFA
7
SOFTRESET_M
Soft reset (mirror). Set this bit to mirror Bit 0.
0x0
R
6
LSBFIRST_M
LSB first (mirror). Set this bit to mirror Bit 1.
0x0
R
5
ADDRINC_M
Address increment (mirror). Set this bit to mirror Bit 2. 0x0
R
4
SDOACTIVE_M
SDO active (mirror). Set this bit to mirror Bit 3.
0x0
R
3
SDOACTIVE
SDO active. Enables 4-wire SPI bus mode.
0x0
R/W
2
ADDRINC
Address increment. When set, this bit causes
incrementing streaming addresses; otherwise,
descending addresses are generated.
0x0
R/W
1
Streaming addresses are incremented.
0
Streaming addresses are decremented.
1
LSBFIRST
LSB first. When set, this bit causes SPI input and
output data to be oriented as LSB first. If this bit is
clear, data is oriented as MSB first.
0x0
R/W
1
Shift LSB in first.
0
Shift MSB in first.
0
SOFTRESET
Soft reset. This bit automatically clears to 0 after
performing a reset operation. Setting this bit initiates
a reset. This bit autoclears after the soft reset is
complete.
0x0
R/W
1
Pulse the soft reset line.
0
Reset the soft reset line.
0x001
SPI_INTFCONFB
7
SINGLEINS
Single instruction.
0x0
R/W
1
Perform single transfers.
0
Perform multiple transfers.
6
CSSTALL
CS stalling.
0x0
R/W
0
Disable CS stalling.
1
Enable CS stalling.
[5:0]
RESERVED
Reserved.
0x0
R/W
0x003
SPI_CHIPTYPE
[7:0]
CHIP_TYPE
Chip type.
0x4
R
0x004
SPI_PRODIDL
[7:0]
PROD_ID[7:0]
Product ID.
0x72
R
0x005
SPI_PRODIDH
[7:0]
PROD_ID[15:8]
Product ID.
0x91
R
0x006
SPI_CHIPGRADE
[7:4]
PROD_GRADE
Product grade.
0x0
R
[3:0]
DEV_REVISION
Device revision.
0x2
R
0x008
SPI_PAGEINDX
[7:6]
MAINDAC_PAGE
Sets the main DAC paging. Each high bit in this field
pages a DAC starting at the LSB. Both main DACs
can be paged and programmed at the same time if
desired.
0x3
R/W
[5:0]
CHANNEL_PAGE
Sets channel paging. Each high bit in this field pages
a complex channel starting at the LSB. Multiple
channels can be paged and programmed at a time
if desired.
0x3F
R/W
0x00A
SPI_SCRATCHPAD
[7:0]
SCRATCHPAD
Scratch pad read/write register.
0x0
R/W
0x010
CHIP_ID_L
[7:0]
CHIP_ID[7:0]
Chip ID serial number.
0x0
R
0x011
CHIP_ID_M1
[7:0]
CHIP_ID[15:8]
Chip ID serial number.
0x0
R
0x012
CHIP_ID_M2
[7:0]
CHIP_ID[23:16]
Chip ID serial number.
0x0
R
0x013
CHIP_ID_H
[7:0]
CHIP_ID[31:24]
Chip ID serial number.
0x0
R
0x020
IRQ_ENABLE
[7:5]
RESERVED
Reserved.
0x0
R
4
EN_SYSREF_JITTER
Enable SYSREF± jitter interrupt.
0x0
R/W
3
EN_DATA_READY
Enable JESD204B receiver ready
(JRX_DATA_READY) low interrupt.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com