Electronic Components Datasheet Search
  English  ▼

X  

AD9172 Datasheet(PDF) 76 Page - Analog Devices

Part # AD9172
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9172 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9172 Datasheet HTML 72Page - Analog Devices AD9172 Datasheet HTML 73Page - Analog Devices AD9172 Datasheet HTML 74Page - Analog Devices AD9172 Datasheet HTML 75Page - Analog Devices AD9172 Datasheet HTML 76Page - Analog Devices AD9172 Datasheet HTML 77Page - Analog Devices AD9172 Datasheet HTML 78Page - Analog Devices AD9172 Datasheet HTML 79Page - Analog Devices AD9172 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 146 page
background image
Data Sheet
AD9172
REGISTER SUMMARY
analog.com
Rev. C | 76 of 146
Table 59. Register Summary
Reg
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
COUNT
0x039
SYSREF_ERR_ RESERVED
SYSREF_ERR_WINDOW
0x00
R/W
WINDOW
0x03A
SYSREF_
RESERVED
SYNC_
RESERVED
SYSREF_
RESERVED 0x10
R/W
MODE
ROTATION_
MODE_
DONE
ONESHOT
0x03B
ROTATION_
SYNCLOGIC_ RESERVED
PERIODIC_
NCORST_
RESERVED
ROTATION_MODE
0xB0
R/W
MODE
EN
RST_EN
AFTER_ROT_
EN
0x03F
TX_ENABLE
RESERVED
TXEN_DATA-
TXEN_
RESERVED
0x00
R/W
PATH_DAC1
DATAPATH_
DAC0
0x050
CAL_CLK_DIV
RESERVED
CAL_CLK_DIV
0x28
R/W
0x051
CAL_CTRL
CAL_CTRL0
RESERVED
CAL_CTRL1
CAL_START 0x82
R/W
0x052
CAL_STAT
RESERVED
CAL_
CAL_FAIL_ CAL_
0x00
R/W
ACTIVE
SEARCH
FINISH
0x059
FSC0
RESERVED
FSC_CTRL[1:0]
0xA0
R/W
0x05A
FSC1
FSC_CTRL[9:2]
0x28
R/W
0x061
CAL_DEBUG0
RESERVED
CAL_CTRL2 CAL_CTRL3
RESERVED
CAL_CTRL4
RESERVED
0x60
R/W
0x081
CLK_CTRL
RESERVED
CAL_CLK_
CAL_CLK_
0x00
R/W
PD1
PD0
0x083
NVM_CTRL0
NVM_CTRL0A
RESERVED
NVM_CTRL0B
0x02
R/W
0x084
SYSREF_CTRL RESERVED
SYSREF_
RESERVED
SYSREF_
0x00
R/W
INPUTMODE
PD
0x085
NVM_CTRL1
RESERVED
NVM_CTRL1A
RESERVED
NVM_
NVM_
0x13
R/W
CTRL1B
CTRL1C
0x08D
ADC_CLK_
RESERVED
CLKOUT_SWING
0x00
R/W
CTRL0
0x08F
ADC_CLK_
RESERVED
PD_
0x00
R/W
CTRL2
CLKOUT_
DRIVER
0x090
DAC_
RESERVED
DAC_PD1
DAC_PD0
0x03
R/W
POWERDOWN
0x091
ACLK_CTRL
RESERVED
ACLK_
0x01
R/W
POWER-
DOWN
0x094
PLL_CLK_DIV
RESERVED
PLL_VCO_ PLL_VCO_
0x00
R/W
DIV3_EN
DIV2_EN
0x095
PLL_BYPASS
RESERVED
PLL_
0x00
R/W
BYPASS
0x09A
NVM_CTRL
PD_BGR
RESERVED
0x00
R/W
0x0C0
DELAY_LINE_
RESERVED
DLL_CTRL0B
DLL_CTRL0A
RESERVED
DLL_PD
0x31
R/W
PD
0x0C1
DLL_CTRL0
DLL_CTRL1C
DLL_CTRL1B
DLL_CTRL1A
RESERVED
DLL_
0x70
R/W
ENABLE
0x0C3
DLL_STATUS
RESERVED
DLL_LOCK
0x00
R/W
0x0C7
DLL_READ
RESERVED
DLL_
0x00
R/W
READ_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com