Electronic Components Datasheet Search
  English  ▼

X  

AD9172 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9172
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9172 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9172 Datasheet HTML 9Page - Analog Devices AD9172 Datasheet HTML 10Page - Analog Devices AD9172 Datasheet HTML 11Page - Analog Devices AD9172 Datasheet HTML 12Page - Analog Devices AD9172 Datasheet HTML 13Page - Analog Devices AD9172 Datasheet HTML 14Page - Analog Devices AD9172 Datasheet HTML 15Page - Analog Devices AD9172 Datasheet HTML 16Page - Analog Devices AD9172 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 146 page
background image
Data Sheet
AD9172
SPECIFICATIONS
analog.com
Rev. C | 13 of 146
AC SPECIFICATIONS
AVDD1.0 = 1.0 V, AVDD1.8 = 1.8 V, DVDD1.0 = 1.0 V, DVDD1.8 = 1.8 V, SVDD1.0 = 1.0 V, and DAC output full-scale current (IOUTFS) = 20 mA,
unless otherwise noted. For the minimum and maximum, TJ = −40°C to +118°C. For the typical values, TA = 25°C, which corresponds to TJ =
51°C.
Table 9.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
Single Tone, fDAC = 12000 MSPS, Mode 1 (L = 2, M = 4)
−7 dBFS, shuffle enabled
fOUT = 100 MHz
−81
dBc
fOUT = 500 MHz
−80
dBc
fOUT = 950 MHz
−75
dBc
fOUT = 1840 MHz
−80
dBc
fOUT = 2650 MHz
−75
dBc
fOUT = 3700 MHz
−67
dBc
Single Tone, fDAC = 6000 MSPS, Mode 0 (L = 1, M = 2)
−7 dBFS, shuffle enabled
fOUT = 100 MHz
−85
dBc
fOUT = 500 MHz
−85
dBc
fOUT = 950 MHz
−78
dBc
fOUT = 1840 MHz
−75
dBc
fOUT = 2650 MHz
−69
dBc
Single Tone, fDAC = 3000 MSPS, Mode 10 (L = 8, M = 2)
−7 dBFS, shuffle enabled
fOUT = 100 MHz
−87
dBc
fOUT = 500 MHz
−84
dBc
fOUT = 950 MHz
−81
dBc
Single-Band Application—Band 3 (1805 MHz to 1880 MHz)
Mode 0, 2× to 8×, fDAC = 6000 MSPS, 368.64 MHz
reference clock
SFDR Harmonics
−7 dBFS, shuffle enabled
In-Band
−82
dBc
Digital Predistortion (DPD) Band
DPD bandwidth = data rate × 0.8
−80
dBc
Second Harmonic
−82
dBc
Third Harmonic
−80
dBc
Fourth and Fifth Harmonic
−95
dBc
SFDR Nonharmonics
−7 dBFS, shuffle enabled
In-Band
−74
dBc
DPD Band
−74
dBc
ADJACENT CHANNEL LEAKAGE RATIO
4C-WCDMA
−1 dBFS digital backoff
fDAC = 1200 MSPS, Mode 1 (L = 2, M = 4)
fOUT = 1840 MHz
−70
dBc
fOUT = 2650 MHz
−68
dBc
fOUT = 3500 MHz
−66
dBc
fDAC = 6000 MSPS, Mode 0 (L = 1, M = 2)
fOUT = 1840 MHz
−71
dBc
fOUT = 2650 MHz
−66
dBc
THIRD-ORDER INTERMODULATION DISTORTION
Two-tone test, −7 dBFS/tone, 1 MHz spacing
fDAC = 12000 MSPS, Mode 1 (L = 2, M = 4)
fOUT = 1840 MHz
−83
dBc
fOUT = 2650 MHz
−85
dBc
fOUT = 3700 MHz
−77
dBc
fDAC = 6000 MSPS, Mode 0 (L = 1, M = 2)
fOUT = 1840 MHz
−74
dBc
fOUT = 2650 MHz
−72
dBc
NOISE SPECTRAL DENSITY (NSD)
0 dBFS, NSD measurement taken at 10% away from
fOUT, shuffle on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com