Electronic Components Datasheet Search
  English  ▼

X  

AD9172 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9172
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9172 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9172 Datasheet HTML 12Page - Analog Devices AD9172 Datasheet HTML 13Page - Analog Devices AD9172 Datasheet HTML 14Page - Analog Devices AD9172 Datasheet HTML 15Page - Analog Devices AD9172 Datasheet HTML 16Page - Analog Devices AD9172 Datasheet HTML 17Page - Analog Devices AD9172 Datasheet HTML 18Page - Analog Devices AD9172 Datasheet HTML 19Page - Analog Devices AD9172 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 146 page
background image
Data Sheet
AD9172
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. C | 16 of 146
Figure 2. Pin Configuration
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Description
1.0 V Supply
H3, H4, H5, H8 to H10, J6, M2, M11
AVDD1.0
1.0 V Clock and Analog Supplies. These pins supply the clock receivers, clock distribution, the
on-chip DAC clock multiplier, and the DAC analog core. Clean power supply rail sources are
required on these pins.
F5 to F8
DVDD1.0
1.0 V Digital Supplies. These pins supply power to the DAC digital circuitry. Clean power supply rail
sources are required on these pins.
F4, F9
DAVDD1.0
1.0 V Digital to Analog Supplies. These pins can share a supply rail with the DVDD1.0 supply
(electrically connected) but must have separate supply plane and decoupling capacitors for the
PCB layout to improve isolation for these two pins. Clean power supply rail sources are required on
these pins.
C1, C2, C5, C7, C8, C11, C12, D6
SVDD1.0
1.0 V SERDES Supplies to the JESD204B Data Interface. Clean power supply rail sources are
required on these pins.
1.8 V Supply
K3, K5, K7, K10, L3, L6, L7, L10
AVDD1.8
1.8 V Analog Supplies to the On-Chip DAC Clock Multiplier and the DAC Analog Core. Clean
power supply rail sources are required on these pins.
C6, D3, D10, E3, E10
DVDD1.8
1.8 V Digital Supplies to the JESD204B Data Interface and the Other Input/Output Circuitry, Such
as the Serial Port Interface (SPI). Clean power supply rail sources are required on these pins.
Ground
A1, A6, A7, A12, B1, B6, B7, B12, C3, C4, C9,
C10, D5, D7, F1 to F3, F10 to F12, G1 to G12,
H11, J1, J3 to J5, J8 to J11, K2, K8, K9, K11, K12,
L2, L4, L5, L8, L9, L11, M1, M3, M6, M7, M10,
M12
GND
Device Common Ground.
RF Clock
J12
CLKIN+
Positive Device Clock Input. This pin is the clock input for the on-chip DAC clock multiplier,
REFCLK, when the DAC PLL is on. This pin is also the clock input for the DAC sample clock or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com