Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 101 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 101 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 97Page - Integrated Device Technology STAC9202 Datasheet HTML 98Page - Integrated Device Technology STAC9202 Datasheet HTML 99Page - Integrated Device Technology STAC9202 Datasheet HTML 100Page - Integrated Device Technology STAC9202 Datasheet HTML 101Page - Integrated Device Technology STAC9202 Datasheet HTML 102Page - Integrated Device Technology STAC9202 Datasheet HTML 103Page - Integrated Device Technology STAC9202 Datasheet HTML 104Page - Integrated Device Technology STAC9202 Datasheet HTML 105Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
101
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.18.3.
PortBPin ConnLen
[15:8]
VRefCntrl
R
0x17
VRef generation is supported by this pin complex,
and the following voltages can be produced on the
associated VRef pin: 80% Avdd; 50% Avdd; GND;
Hi-Z (required since pin complex is output capable)
[7]
Rsvd1
R
0x0
Reserved
[6]
BalancedIO
R
0x0
Pin complex does not have balanced pins.
[5]
InCap
R
0x1
Pin complex is input capable.
[4]
OutCap
R
0x1
Pin complex is output capable.
[3]
HPhnDrvCap
R
0x0
Pin does not have a headphone amplifier.
[2]
PresDtctCap
R
0x1
Pin complex can perform Presence Detect.
[1]
TrigRqd
R
0x1
Trigger is required for impedance measurement
[0]
ImpSenseCap
R
0x1
Pin complex supports impedance sense.
Table 228. PortBPin ConnLen Command Verb Format
Verb ID
Payload
Response
Get
F00
0E
See bitfield table
Table 229. PortBPin ConnLen Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd
R
0x0
Reserved.
[7]
LongForm
R
0x0
Connection list uses short-form (7-bit) NID entries.
[6:0]
N
R
0x01
Number of NID entries in connection list.
Table 227. PortBPin Cap Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com