Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 105 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 105 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 101Page - Integrated Device Technology STAC9202 Datasheet HTML 102Page - Integrated Device Technology STAC9202 Datasheet HTML 103Page - Integrated Device Technology STAC9202 Datasheet HTML 104Page - Integrated Device Technology STAC9202 Datasheet HTML 105Page - Integrated Device Technology STAC9202 Datasheet HTML 106Page - Integrated Device Technology STAC9202 Datasheet HTML 107Page - Integrated Device Technology STAC9202 Datasheet HTML 108Page - Integrated Device Technology STAC9202 Datasheet HTML 109Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
105
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.19. MonoOutPin Node (NID = 0x10)
5.19.1.
MonoOutPin Vol
Table 239. PortBPin Config Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:30]
Port
RW
0x0
External Port Connectivity of the Pin Complex.
0 = Port Complex is connected to a jack
[29:24]
Location
RW
0x02
Physical location of the jack.
02h = Mainboard, Front
[23:20]
Device
RW
0xA
Default Device, indicating intended use of jack.
A = Mic In
[19:16]
Connection
RW
0x1
Connection Type. 1 = 1/8 inch jack
[15:12]
Color
RW
0x9
Color of physical jack. 9 = Pink
[11:8]
Misc
RW
0x0
Misc[0] = Jack Detect override.
[7:4]
Assoc
RW
0x2
Default Association for Pin Complex groups.
Reserved value 0000b should not be used. Value
1111b indicates lowest priority.
[3:0]
Sequence
RW
0x0
All Widgets in an association must have unique
sequence number.
Table 240. MonoOutPin Vol Command Verb Format
Verb ID
Payload
Response
Get
BA0
00
See bitfield table
Set1
3A0
See bits [7:0] of bitfield table
0000_0000h
Table 241. MonoOutPin Vol Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd2
R
0x0
Reserved
[7]
Mute
RW
0x1
1 = mute is active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com