Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 104 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 104 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 100Page - Integrated Device Technology STAC9202 Datasheet HTML 101Page - Integrated Device Technology STAC9202 Datasheet HTML 102Page - Integrated Device Technology STAC9202 Datasheet HTML 103Page - Integrated Device Technology STAC9202 Datasheet HTML 104Page - Integrated Device Technology STAC9202 Datasheet HTML 105Page - Integrated Device Technology STAC9202 Datasheet HTML 106Page - Integrated Device Technology STAC9202 Datasheet HTML 107Page - Integrated Device Technology STAC9202 Datasheet HTML 108Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
104
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.18.7.
PortBPin Sense
5.18.8.
PortBPin Config
Table 236. PortBPin Sense Command Verb Format
Verb ID
Payload
Response
Get
F09
00
See bitfield table
Set1
709
See bits [7:0] of bitfield table
0000_0000h
Set2
709
See bits [7:0] of bitfield table
0000_0000h
Table 237. PortBPin Sense Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Present
R
0x0
1 = something is plugged into jack associated with Pin
Complex.
[30:0]
Impedance
R
0x7FFF_FFFF
Measured impedance of the widget. A value of all 1's
indicates that a valid sense reading is not available, or
the sense measurement is busy if it has been recently
triggered. Overlaps RightCh.
[0]
RightCh
W
0x0
Set 1 = perform impedance sensing on right channel
or ring of the connector
[0]
LeftCh
W
0x0
Set 0 = perform impedance sensing on left channel or
tip of the connector
Table 238. PortBPin Config Command Verb Format
Verb ID
Payload
Response
Get
F1C
00
See bitfield table
Set1
71C
See bits [7:0] of bitfield table
0000_0000h
Set2
71D
See bits [15:8] of bitfield table
0000_0000h
Set3
71E
See bits [23:16] of bitfield table
0000_0000h
Set4
71F
See bits [31:24] of bitfield table
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com