Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 26 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 26 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 22Page - PMC-Sierra, Inc PM8621 Datasheet HTML 23Page - PMC-Sierra, Inc PM8621 Datasheet HTML 24Page - PMC-Sierra, Inc PM8621 Datasheet HTML 25Page - PMC-Sierra, Inc PM8621 Datasheet HTML 26Page - PMC-Sierra, Inc PM8621 Datasheet HTML 27Page - PMC-Sierra, Inc PM8621 Datasheet HTML 28Page - PMC-Sierra, Inc PM8621 Datasheet HTML 29Page - PMC-Sierra, Inc PM8621 Datasheet HTML 30Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
25
Document ID: PMC-2010850, Issue 1
Pad Name
Type
Pin No.
Function
TP[1]
TN[1]
TP[2]
TN[2]
TP[3]
TN[3]
TP[4]
TN[4]
TP[5]
TN[5]
TP[6]
TN[6]
TP[7]
TN[7]
TP[8]
TN[8]
TP[9]
TN[9]
TP[10]
TN[10]
TP[11]
TN[11]
TP[12]
TN[12]
Analog
LVDS
Output
F2
F3
G1
G2
G3
G4
J1
J2
N1
N2
N3
N4
P2
P3
R1
R2
W1
W2
Y3
Y4
Y1
Y2
AA2
AA3
Transmit Serial Data. The differential transmit working
serial data links (TP[11:0]/TN[11:0]) carry the transmit
SBI336S or SONET/SDH STS-12 frame data to a
downstream sinks in bit serial format. Each differential
pair carries a constituent STS-12 stream. Data on
TP[X]/TN[X] is encoded in an 8B/10B format extended
from IEEE Std. 802.3. The 8B/10B character bit ‘a’ is
transmitted first and the bit ‘j’ is transmitted last. All
TP[X]/TN[X] differential pairs are frequency locked and
phase aligned (within a certain tolerance) to each other.
TP[11:0]/TN[11:0] are nominally 777.6 Mbit/s data
streams.
NSE-8G Control and Clocking (5 Balls)
SYSCLK
Input
A16
System Clock. The system clock signal (SYSCLK) is the
master clock for the NSE-8G device. SYSCLK must be a
77.76 MHz clock, with a nominal 50% duty cycle.
CMP and RC1FP are sampled on the rising edge of
SYSCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com