Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 84 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 84 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 80Page - PMC-Sierra, Inc PM8621 Datasheet HTML 81Page - PMC-Sierra, Inc PM8621 Datasheet HTML 82Page - PMC-Sierra, Inc PM8621 Datasheet HTML 83Page - PMC-Sierra, Inc PM8621 Datasheet HTML 84Page - PMC-Sierra, Inc PM8621 Datasheet HTML 85Page - PMC-Sierra, Inc PM8621 Datasheet HTML 86Page - PMC-Sierra, Inc PM8621 Datasheet HTML 87Page - PMC-Sierra, Inc PM8621 Datasheet HTML 88Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
83
Document ID: PMC-2010850, Issue 1
Register 021H, 025H: CSTR #1 – 2* Interrupt Enable and CSU Lock Status
Bit
Type
Function
Default
Bit 31-2
R
Unused
X
Bit 1
R
LOCKV
X
Bit 0
R/W
LOCKE
0
This register configures the operation of CSTR block #1.
LOCKE
The CSU lock interrupt enable bit (LOCKE) controls the contribution of CSU lock state
interrupts by the CSTR to the device interrupt INTB. When LOCKE is high, INTB is asserted
low when the CSU lock state changes. Interrupts due to CSU lock state are masked when
LOCKE is set low.
LOCKV
The CSU lock status bit (LOCKV) indicates whether the clock synthesis unit has successfully
locked with the system clock. LOCKV is set low when the CSU has not successfully locked
with the reference clock. LOCKV is set high if when the CSU has locked with the reference
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com