Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 49Page - PMC-Sierra, Inc PM8621 Datasheet HTML 50Page - PMC-Sierra, Inc PM8621 Datasheet HTML 51Page - PMC-Sierra, Inc PM8621 Datasheet HTML 52Page - PMC-Sierra, Inc PM8621 Datasheet HTML 53Page - PMC-Sierra, Inc PM8621 Datasheet HTML 54Page - PMC-Sierra, Inc PM8621 Datasheet HTML 55Page - PMC-Sierra, Inc PM8621 Datasheet HTML 56Page - PMC-Sierra, Inc PM8621 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
52
Document ID: PMC-2010850, Issue 1
9.9.1
In-Band Signaling Channel Fixed Overhead
The In-Band Link Controller block generates and terminates two bytes of fixed header and a
CRC-16 per every 32 byte in-band message (total 36 bytes). The two byte header provides control
and status between devices at the ends of the LVDS link. The CRC-16 is calculated over the 32
byte (and header - 34 bytes) in-band message and provides the terminating end the ability to
detect errors in the in-band message. The format of the in-band message and header bytes is
shown in Figure 11 and Figure 12.
Figure 11 In-Band Signaling Channel Message Format
1 byte
1 byte
32 bytes
2 bytes
Header1
Header2
Free Format Information
CRC-16
Figure 12 In-Band Signaling Channel Header Format
Header1
Bit 7
Bit 6
Bit 5
Bit4
Bit3
Bit2
Bit1
Bit 0
VALID
LINK[1:0]
PAGE[1:0]
USER[2:0]
Header2
Bit 7
Bit 6
Bit 5
Bit4
Bit3
Bit2
Bit1
Bit 0
AUX[7:0]
Table 5 In-band Message Header Fields
Field Name
NSE-8G to SBS
SBS to NSE
Valid
Message slot contains a message(1)
or is empty(0). If empty this message
will not be put into Rx Message FIFO
(other header information processed
as usual)
Message slot contains a message(1)
or is empty(0). If empty this message
will not be put into Rx Message FIFO
(other header information processed
as usual)
Link[1:0]#
These bits are optional for SBI336S
devices, intended for devices which
have multiple redundant links. Each
bit either indicates which Link to use,
Working(0) or Protect(1) when
sourced from the master device, or
which link is being used, when
sourced from the slave device. Other
algorithms are possible to indicate
Working or Protect over these 2 bits
but all SBI336S devices must be able
to revert back to this meaning.
Transmitted immediately.
These bits are optional for SBI336S
devices, intended for devices which
have multiple redundant links. Each
bit either indicates which Link to use,
Working(0) or Protect(1) when
sourced from the master device, or
which link is being used, when
sourced from the slave device. Other
algorithms are possible to indicate
Working or Protect over these 2 bits
but all SBI336S devices must be able
to revert back to this
meaning.Transmitted immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com