Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 94 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 94 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 90Page - PMC-Sierra, Inc PM8621 Datasheet HTML 91Page - PMC-Sierra, Inc PM8621 Datasheet HTML 92Page - PMC-Sierra, Inc PM8621 Datasheet HTML 93Page - PMC-Sierra, Inc PM8621 Datasheet HTML 94Page - PMC-Sierra, Inc PM8621 Datasheet HTML 95Page - PMC-Sierra, Inc PM8621 Datasheet HTML 96Page - PMC-Sierra, Inc PM8621 Datasheet HTML 97Page - PMC-Sierra, Inc PM8621 Datasheet HTML 98Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
93
Document ID: PMC-2010850, Issue 1
Register 04CH: DCB Configuration Register
Bit
Type
Function
Default
Bit 31- 8
R
Unused
X
Bit 7-6
R/W
MF_SWAP[1:0]
0
Bit 5
R/W
AUTO
0
Bit 4
R/W
SWAP_PE
0
Bit 3
R/W
UPDATEE
0
Bit 2
R/W
FRAMEE
0
Bit 1
R
SWAPPV
0
Bit 0
R
UPDATEV
0
MF_SWAP [1:0]
This bit selects when RC1FP is expected and synchronizes when page swaps can occur. Table
below relates MFSWAP to all vital variables from the DCB:
MFSWAP
Configuration
Page Size
Frame
Switching @
(9720 byte
frame)
Frame
Interrupt
RC1FP
expected
every
Switching Mode
00
1080
1 frame
1 frame
4 frame
TelecomBus
01
1080
4 frame
4 frame
4 frame
SBI column mode
10
9720
4 frame
4 frame
4 frame
SBI DS0 mode
11
9720
48 frame
48 frame
48 frame
SBI DS0 with CAS
AUTO
This bit enables an automatic copy of the online connection memory page to the offline
connection memory page after the connection memory page is switched. Toggling the AUTO
bit to ‘0’ while a page copy is in progress will terminate the page copy process.
0: automatic update disabled.
1: automatic update enabled.
If automatic page copying is used, the page copy will take place automatically whenever the
connection memory page swaps. This means that the UPDATEV register bit will be asserted
immediately following a change from 1 to 0 in the SWAPV register bit. When the AUTO bit
is set, access to the offline connection memory page is restricted from when a page swap is
pending until when the page copy is complete
.
SWAP_PE
This bit enables the propagation of interrupt to the INT output due to a change in state of
SWAPV. This bit does not have an impact on SWAPI bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com