Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 4Page - PMC-Sierra, Inc PM8621 Datasheet HTML 5Page - PMC-Sierra, Inc PM8621 Datasheet HTML 6Page - PMC-Sierra, Inc PM8621 Datasheet HTML 7Page - PMC-Sierra, Inc PM8621 Datasheet HTML 8Page - PMC-Sierra, Inc PM8621 Datasheet HTML 9Page - PMC-Sierra, Inc PM8621 Datasheet HTML 10Page - PMC-Sierra, Inc PM8621 Datasheet HTML 11Page - PMC-Sierra, Inc PM8621 Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
7
Document ID: PMC-2010850, Issue 1
Register 04DH: DCB Interrupt status Register..................................................................96
Register 100H + N*20H, R8TD Control and Status...........................................................97
Register 101H + N*20H, R8TD Interrupt Status................................................................99
Register 102H + N*20H, R8TD Line Code Violation Count ............................................101
Register 103H + N*20H, RXLV and DRU Control ...........................................................102
Register 108H + N*20H, T8TE Control and Status .........................................................104
Register 109H + N*20H, T8TE Interrupt Status ..............................................................106
Register 10AH + N*20H: T8TE Time-slot Configuration #1 ............................................107
Register 10BH + N*20H: T8TE Time-slot Configuration #2 ............................................108
Register 10CH + N*20H, T8TE Test Pattern ...................................................................109
Register 10DH + N*20H, TXLV and PISO Control .......................................................... 110
Register 110H + N*20H, ILC Transmit FIFO Data........................................................... 111
Register 111h + N*20H, ILC Transmit Control Register ................................................. 112
Register 112h + N*20H, ILC Transmit Misc.Status and FIFO Synch Register................ 113
Register 113h + N*20H, ILC Receive FIFO Data Register.............................................. 115
Register 114h + N*20H, ILC Receive Control Register................................................... 116
Register 115h + N*20H, ILC Receive Auxiliary, Status and FIFO Synch Register.......... 117
Register 116h + N*20H, ILC Interrupt Enable and Control Register ...............................121
Register 117h + N*20H: ILC Interrupt Reason Register..................................................124
Register 800H: NSE-8G Master Test ..............................................................................126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com