Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 56 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 56 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 52Page - PMC-Sierra, Inc PM8621 Datasheet HTML 53Page - PMC-Sierra, Inc PM8621 Datasheet HTML 54Page - PMC-Sierra, Inc PM8621 Datasheet HTML 55Page - PMC-Sierra, Inc PM8621 Datasheet HTML 56Page - PMC-Sierra, Inc PM8621 Datasheet HTML 57Page - PMC-Sierra, Inc PM8621 Datasheet HTML 58Page - PMC-Sierra, Inc PM8621 Datasheet HTML 59Page - PMC-Sierra, Inc PM8621 Datasheet HTML 60Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
55
Document ID: PMC-2010850, Issue 1
Address
Register
046
DCB CONFIGURATION OUTPUT REGISTER
047
DCB ACCESS MODE REGISTER
048
DCB C1 DELAY (RC1FP) REGISTER
04A
DCB FRAME SIZE REGISTER
04C
DCB CONFIGURATION REGISTER
04D
DCB INTERRUPT REGISTER
04E – 0FF
Reserved
100-1FF
Port Register Set 0 – Port 0 (Channel 0)
100
Port Register Set 0: R8TD Control and Status
101
Port Register Set 0: R8TD Interrupt Status
102
Port Register Set 0: R8TD LCV Count
103
Port Register Set 0: RXLV and DRU Control
0106 – 107
Port Register Set 0: Reserved
108
Port Register Set 0: T8TE Control and Status
109
Port Register Set 0: T8TE Interrupt Status
10A
Port Register Set 0: T8TE Time-slot Configuration #1
10B
Port Register Set 0: T8TE Time-slot Configuration #2
10C
Port Register Set 0: T8TE Test Pattern
10D
Port Register Set 0: TXLV and PISO Control
10F
Port Register Set 0: Reserved
110
Port Register Set 0: ILC Transmit Message FIFO Data
111
Port Register Set 0: ILC Transmit Control
112
Port Register Set 0: ILC Transmit Status and FIFO Synch
113
Port Register Set 0: ILC Receive Message FIFO DATA
114
Port Register Set 0: ILC Receive Control
115
Port Register Set 0: ILC Receive Status and FIFO Synch
116
Port Register Set 0: ILC Interrupt enable and Control
117
Port Register Set 0: ILC Interrupt reason Register
118-11F
Reserved
120-13F
Port Register Set 1 – Port 1 (Channel 1)
140-15F
Port Register Set 2 – Port 2 (Channel 2)
160-17F
Port Register Set 3 – Port 3 (Channel 3)
180-19F
Port Register Set 4 – Port 4 (Channel 4)
1A0-1BF
Port Register Set 5 – Port 5 (Channel 5)
1C0-1DF
Port Register Set 6 – Port 6 (Channel 6)
1E0-1FF
Port Register Set 7 – Port 7 (Channel 7)
200-21F
Port Register Set 8 – Port 8 (Channel 8)
220-23F
Port Register Set 9 – Port 9 (Channel 9)
240-25F
Port Register Set 10 – Port 10 (Channel 10)
260-27F
Port Register Set 11 – Port 11 (Channel 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com