Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 99 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 99 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 95Page - PMC-Sierra, Inc PM8621 Datasheet HTML 96Page - PMC-Sierra, Inc PM8621 Datasheet HTML 97Page - PMC-Sierra, Inc PM8621 Datasheet HTML 98Page - PMC-Sierra, Inc PM8621 Datasheet HTML 99Page - PMC-Sierra, Inc PM8621 Datasheet HTML 100Page - PMC-Sierra, Inc PM8621 Datasheet HTML 101Page - PMC-Sierra, Inc PM8621 Datasheet HTML 102Page - PMC-Sierra, Inc PM8621 Datasheet HTML 103Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
98
Document ID: PMC-2010850, Issue 1
OFAV
The out-of-frame-alignment status bit (OFAV) reports the state of the frame alignment block
in the R8TD block. OFAV is set high when the frame alignment block is in the out-of-frame-
alignment state. OFAV is set low when the frame alignment block is in the in-frame-
alignment state.
OCAE
The out of character alignment interrupt enable bit (OCAE) masks the contribution of the
change of character alignment event indication bit (OCAI) in the R8TD block to INTB. When
OCAE is high, INTB is asserted low when OCAI is high. INTB is not affected by the value
of OCAI when OCAE is low.
OFAE
The out of frame alignment interrupt enable bit (OFAE) masks the contribution of the change
of frame alignment event indication bit (OFAI) in the R8TD block to INTB. When OFAE is
high, INTB is asserted low when OFAI is high. INTB is not affected by the value of OFAI
when OFAE is low.
LCVE
The line code violation interrupt enable bit (LCVE) masks the contribution of the line code
violation event indication bit (LCVI) in the R8TD block to INTB. When LCVE is high, INTB
is asserted low when LCVI is high. INTB is not affected by the value of LCVI when LCVE is
low.
FUOE
The FIFO underrun/overrun status interrupt enable bit (FUOE) masks the contribution of the
FIFO underrun/overrun event indication bit (FUOI) in the R8TD block to INTB. When
FUOE is high, INTB is asserted low when FUOI is high. INTB is not affected by the value
of FUOI when FUOE is low.
RXINV
The receive data invert bit (RXINV) controls the active polarity of the incoming data stream.
When RXINV is set high, the data is complemented before any processing by the R8TD.
When RXINV is set low, data is not complemented before R8TD processing.
Reserved[2:0]
The Reserved[2:0] bits must be set to the indicated default value for correct operation of the
NSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com