Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 103 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 103 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 99Page - PMC-Sierra, Inc PM8621 Datasheet HTML 100Page - PMC-Sierra, Inc PM8621 Datasheet HTML 101Page - PMC-Sierra, Inc PM8621 Datasheet HTML 102Page - PMC-Sierra, Inc PM8621 Datasheet HTML 103Page - PMC-Sierra, Inc PM8621 Datasheet HTML 104Page - PMC-Sierra, Inc PM8621 Datasheet HTML 105Page - PMC-Sierra, Inc PM8621 Datasheet HTML 106Page - PMC-Sierra, Inc PM8621 Datasheet HTML 107Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
102
Document ID: PMC-2010850, Issue 1
Register 103H + N*20H, RXLV and DRU Control
Bit
Type
Function
Default
Bit 31:16
R
Unused
X
Bit 15
R/W
DRU_DTMSB
1
Bit 14
R/W
Reserved
1
Bit 13
R/W
DRU_ENB
0
Bit 12
R/W
RX_ENB
0
Bit 11
R/W
Reserved
0
Bit 10
R/W
A_RSTB
1
Bit 9
R/W
Reserved[4]
0
Bit 8
R/W
Reserved[3]
0
Bit 7
R/W
Reserved[2]
0
Bit 6
R/W
Reserved[1]
0
Bit 5
R/W
DRU_CTRL[3]
0
Bit 4
R/W
DRU_CTRL[2]
0
Bit 3
R/W
DRU_CTRL[1]
0
Bit 2
R/W
DRU_CTRL[0]
0
Bit 1
R/W
Reserved[0]
0
Bit 0
Unused
X
These registers drives the control signals for the RXLV and DRU blocks.
After Chip reset, this Register must be set to CC34h for proper operation, See below.
DRU_CTRL[3:0]
The DRU_CTRL[3:0] bits control the DRU CTRL[3:0] inputs. The DRU_CTRL[3:0] bus is
reset to 0000, but needs to be set to 1101 following a reset for correct operation of the
NSE.
A_RSTB
The A_RSTB bit is a soft-reset for the Data Recovery Unit Analog block. Setting A_RSTB to
logic 0 will reset the block.
Reserved
The Reserved bit is set to logic 0 on reset, but needs to be set to logic one following reset
for correct operation of the NSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com