Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 107 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 107 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 103Page - PMC-Sierra, Inc PM8621 Datasheet HTML 104Page - PMC-Sierra, Inc PM8621 Datasheet HTML 105Page - PMC-Sierra, Inc PM8621 Datasheet HTML 106Page - PMC-Sierra, Inc PM8621 Datasheet HTML 107Page - PMC-Sierra, Inc PM8621 Datasheet HTML 108Page - PMC-Sierra, Inc PM8621 Datasheet HTML 109Page - PMC-Sierra, Inc PM8621 Datasheet HTML 110Page - PMC-Sierra, Inc PM8621 Datasheet HTML 111Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
106
Document ID: PMC-2010850, Issue 1
Register 109H + N*20H, T8TE Interrupt Status
Bit
Type
Function
Default
Bit 31:5
Unused
X
Bit 4
R
FIFOERRI
0
Bit 3:0
Unused
X
These registers report the interrupt status for T8TE blocks #0 through #11.
FIFOERRI
The FIFO overrun/underrun error interrupt indication bit (FIFOERRI) reports a FIFO
overrun/underrun error event. FIFOERRI is set high when when FIFO logic detects FIFO
read and write pointers in close proximity to each other. FIFOERRI is cleared on a read to
this register when WCIMODE is logic 0. FIFOERRI is cleared on a write (of any value) to
this register when WCIMODE is logic one. INTB is asserted low when both FIFOERRE and
FIFOERRI are high. IF FIFOERRE is asserted, FIFOERRI must be cleared before INTB will
be reasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com