Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 108 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 108 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 104Page - PMC-Sierra, Inc PM8621 Datasheet HTML 105Page - PMC-Sierra, Inc PM8621 Datasheet HTML 106Page - PMC-Sierra, Inc PM8621 Datasheet HTML 107Page - PMC-Sierra, Inc PM8621 Datasheet HTML 108Page - PMC-Sierra, Inc PM8621 Datasheet HTML 109Page - PMC-Sierra, Inc PM8621 Datasheet HTML 110Page - PMC-Sierra, Inc PM8621 Datasheet HTML 111Page - PMC-Sierra, Inc PM8621 Datasheet HTML 112Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
107
Document ID: PMC-2010850, Issue 1
Register 10AH + N*20H: T8TE Time-slot Configuration #1
Bit
Type
Function
Default
Bit 31:16
R
Unused
X
Bit 15
R/W
TMODE8[1]
0
Bit 14
R/W
TMODE8[0]
0
Bit 13
R/W
TMODE7[1]
0
Bit 12
R/W
TMODE7[0]
0
Bit 11
R/W
TMODE6[1]
0
Bit 10
R/W
TMODE6[0]
0
Bit 9
R/W
TMODE5[1]
0
Bit 8
R/W
TMODE5[0]
0
Bit 7
R/W
TMODE4[1]
0
Bit 6
R/W
TMODE4[0]
0
Bit 5
R/W
TMODE3[1]
0
Bit 4
R/W
TMODE3[0]
0
Bit 3
R/W
TMODE2[1]
0
Bit 2
R/W
TMODE2[0]
0
Bit 1
R/W
TMODE1[1]
0
Bit 0
R/W
TMODE1[0]
0
Register 02H configures the path termination mode of time-slots 1 to 8 of the T8TE.
TMODE1[1:0]-TMODE8[1:0]
The time-slot path termination mode select register bits (TMODE1[1:0]-TMODE8[1:0])
configures the mode settings for time-slots 1 to 8 of the T8TE. Time-slots are numbered in
order of transmission in the Incoming TeleCombus stream (ID[7:0]). Time-slot #1 is the first
byte transmitted and time-slot #12 is the last byte transmitted. The setting stored in
TMODEx[1:0] (x can be 1-12) determines which set of TeleCombus control signals are to be
encoded in 8B/10B characters.
In TeleCombus mode, the T8TE encodes TeleCombus control signals such as transport frame
and payload boundaries, pointer justification events and alarm conditions into three levels of
an extended set of 8B/10B characters as well as performing the IEEE mode conversion on
data. The two hierarchical levels are High-order Path Termination (HPT) and Low-order Path
Termination (LPT). For correct operation see table below:
TMODEx[1]
TMODEx[0]
Mode
Functional Description
0
0
Reserved
invalid
01HPT level
Use for TelecomBus where V1/V2 pointers must
be preserved
10LPT level
Use for SBI336S or TelecomBus with valid V5
but without valid V1/V2 pointers
1
1
Reserved
invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com