| Electronic Components Datasheet Search |
|
PM8621 Datasheet(PDF) 30 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM8621 Datasheet(HTML) 30 Page - PMC-Sierra, Inc |
|
30 / 184 page ![]() NSE-8G™ Standard Product Data Sheet Preliminary Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 29 Document ID: PMC-2010850, Issue 1 Pad Name Type Pin No. Function ALE Input AL30 Address Latch Enable. The address latch enable signal (ALE) is active high and latches the address bus (A[11:0]) when it is set low. The internal address latches are transparent when ALE is set high. ALE allows the NSE-8G to interface to a multiplexed address/data bus. ALE has an integral pull up resistor. INTB Open Drain Output AN30 Interrupt Request Bar. The active low interrupt enable signal (INTB) output goes low when an NSE-8G interrupt source is active and that source is unmasked. INTB returns high when the interrupt is acknowledged via an appropriate register access. INTB is an open drain output. JTAG Port (5 Balls) TCK Input B14 Test Clock. The JTAG test clock signal (TCK) provides timing for test operations that are carried out using the IEEE P1149.1 test access port. TMS Input B13 Test Mode Select. The JTAG test mode select signal (TMS) controls the test operations that are carried out using the IEEE P1149.1 test access port. TMS is sampled on the rising edge of TCK. TMS has an integral pull-up resistor. TDI Input C12 Test Data Input. The JTAG test data input signal (TDI) carries test data into the NSE-8G via the IEEE P1149.1 test access port. TDI is sampled on the rising edge of TCK. TDI has an integral pull-up resistor. TDO Tri-state C11 Test Data Output. TheJTAG test data output signal (TDO) carries test data out of the NSE-8G via the IEEE P1149.1 test access port. TDO is updated on the falling edge of TCK. TDO is a tri-state output which is inactive except when scanning of data is in progress. TRSTB Input D14 Test Reset Bar. The active low JTAG test reset signal (TRSTB) provides an asynchronous NSE-8G test access port reset via the IEEE P1149.1 test access port. TRSTB is a Schmitt triggered input with an integral pull-up resistor. Note that when TRSTB is not being used, it must be connected to the RSTB input. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |