Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 28Page - PMC-Sierra, Inc PM8621 Datasheet HTML 29Page - PMC-Sierra, Inc PM8621 Datasheet HTML 30Page - PMC-Sierra, Inc PM8621 Datasheet HTML 31Page - PMC-Sierra, Inc PM8621 Datasheet HTML 32Page - PMC-Sierra, Inc PM8621 Datasheet HTML 33Page - PMC-Sierra, Inc PM8621 Datasheet HTML 34Page - PMC-Sierra, Inc PM8621 Datasheet HTML 35Page - PMC-Sierra, Inc PM8621 Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
31
Document ID: PMC-2010850, Issue 1
Pad Name
Type
Pin No.
Function
RESK[2]
RESK[1]
Analog Input
AK1
E34
Reference Resistor Connection. An off-chip 3.16 k
Ω
±1% resistor is connected between these the positive
resistor reference pin RES and a Kelvin ground contact
RESK. An on-chip negative feedback path will force the
1.20 V VREF Voltage onto RES, therefore forcing 252
µA of current to flow through the resistor.
Analog Test Bus (4 Balls)
ATB0[2]
ATB0[1]
Analog
AK32
E3
Analog test bus for PMC validation and testing.
This pin must be connected to GND.
ATB1[2]
ATB1[1]
Analog
AJ31
F4
Analog test bus for PMC validation and testing.
This pin must be connected to GND.
Digital Core Power (45 Balls)
VDDI[44:0]
Power
AA4
AB1
AE4
AN10
AN13
AP13
AP15
AM15
AM17
AL18
AM20
AL21
AM22
AL24
AM28
AL28
AG32
AE31
AD31
AA31
W32
P31
N34
K31
T3
P4
The digital core power pins (VDDI[44:0]) should be
connected to a well-decoupled +1.8 V DC supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com