Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 110 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 110 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 106Page - PMC-Sierra, Inc PM8621 Datasheet HTML 107Page - PMC-Sierra, Inc PM8621 Datasheet HTML 108Page - PMC-Sierra, Inc PM8621 Datasheet HTML 109Page - PMC-Sierra, Inc PM8621 Datasheet HTML 110Page - PMC-Sierra, Inc PM8621 Datasheet HTML 111Page - PMC-Sierra, Inc PM8621 Datasheet HTML 112Page - PMC-Sierra, Inc PM8621 Datasheet HTML 113Page - PMC-Sierra, Inc PM8621 Datasheet HTML 114Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
109
Document ID: PMC-2010850, Issue 1
Register 10CH + N*20H, T8TE Test Pattern
Bit
Type
Function
Default
Bit 31:10
Unused
X
Bit 9
R/W
TP[9]
1
Bit 8
R/W
TP[8]
0
Bit 7
R/W
TP[7]
1
Bit 6
R/W
TP[6]
0
Bit 5
R/W
TP[5]
1
Bit 4
R/W
TP[4]
0
Bit 3
R/W
TP[3]
1
Bit 2
R/W
TP[2]
0
Bit 1
R/W
TP[1]
1
Bit 0
R/W
TP[0]
0
These registers store the test pattern for test pattern insertion for the T8TE blocks.
TP[9:0]
The Test Pattern register (TP[9:0]) for T8TE block #X contains the test pattern conditionally
inserted into output data stream #X. TP[9:0] is inserted into the output data stream when the
TPINS bit is set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com