Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 114 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 114 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 110Page - PMC-Sierra, Inc PM8621 Datasheet HTML 111Page - PMC-Sierra, Inc PM8621 Datasheet HTML 112Page - PMC-Sierra, Inc PM8621 Datasheet HTML 113Page - PMC-Sierra, Inc PM8621 Datasheet HTML 114Page - PMC-Sierra, Inc PM8621 Datasheet HTML 115Page - PMC-Sierra, Inc PM8621 Datasheet HTML 116Page - PMC-Sierra, Inc PM8621 Datasheet HTML 117Page - PMC-Sierra, Inc PM8621 Datasheet HTML 118Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
113
Document ID: PMC-2010850, Issue 1
Register 112h + N*20H, ILC Transmit Misc.Status and FIFO Synch Register
Bit
Type
Function
Default
Bit 31:16
Unused
X
Bit 15
R
TX_MSG_LVL_VALID
N/A
Bit 14:13
R
TX_LINK[1:0]
00
Bit 12:11
R
IPAGE[1:0]
N/A
Bit 10:8
R
IUSER[2:0]
N/A
Bit 7:6
R
Reserved
00
Bit 5:2
R
TX_MSG_LVL[3:0]
0000
Bit 1
R
TX_FI_BUSY
0
Bit 0
W
TX_XFER_SYNC
0
This register serves a dual purpose dependant on whether it is being read or written.
When it is read it returns the status for the Message Transmit Channel.
When it is written (with 0001h) to it is used it synchronize the Transmit FIFO to the start of a
message boundary.
TX_XFER_SYNC
Writing ‘1’ to this bit initializes the next write sequence to be to the beginning of the next
message. After a ‘1’ had been written successive writes to the Transmit FIFO will be to
location zero of the next available slot. If a partial message has been written,
TX_XFER_SYNC indicates that the current message is complete and that subsequent writes
will be to the next message. If more than 32 bytes are written, the 33rd byte will be the first
byte of the next message. The purpose of this bit is to unambiguously align the message
boundaries. Another use would be to abandon the current write and move the write pointer to
the beginning of the next message. (Previous message data will remain in the unwritten
portion of the message being abandoned, which will have to be ignored by the receiving
software).
If the message FIFO pointers are already at a message boundary then writing this bit to a ‘1’
will have no affect.
On reads this bit is always returned as a ‘0’.
TX_FI_BUSY
This bit indicates that the internal hardware is transferring the data from the Transmit FIFO
registers (TDAT) into the internal RAM. This bit need not be read by software if the time
interval between successive 32 bit transfers is greater than 3 SYSCLK cycles.
User and Page bits are a copy of the User bits received, and being transmitted in 0Ch. These
allow one read in the 32 bit device to gain a snapshot of the entire ILC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com