Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 113 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 113 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 109Page - PMC-Sierra, Inc PM8621 Datasheet HTML 110Page - PMC-Sierra, Inc PM8621 Datasheet HTML 111Page - PMC-Sierra, Inc PM8621 Datasheet HTML 112Page - PMC-Sierra, Inc PM8621 Datasheet HTML 113Page - PMC-Sierra, Inc PM8621 Datasheet HTML 114Page - PMC-Sierra, Inc PM8621 Datasheet HTML 115Page - PMC-Sierra, Inc PM8621 Datasheet HTML 116Page - PMC-Sierra, Inc PM8621 Datasheet HTML 117Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
112
Document ID: PMC-2010850, Issue 1
Register 111h + N*20H, ILC Transmit Control Register
Bit
Type
Function
Default
Bit 31:16
Unused
X
Bit 15:8
R/W
TX_AUX[7:0]
00000000
Bit 7:6
R
Reserved
00
Bit 5:4
R/W
TX_LINK[1:0]
00
Bit 3:2
R
Reserved
00
Bit 1
R/W
TX_CRC_SWIZ_EN
0
Bit 0
R/W
TX_BYPASS
0
TX_BYPASS
When this bit is set to ‘1’, the blocks message transmit functions are bypassed. No messages
are inserted into the Transmit Bus data The respective signals are passed through the block’s
pipeline unmodified. Transmit message FIFO RAM is disabled and thus message data writes
are ignored.
TX_CRC_SWIZ_EN
When this bit is set to ‘1’, the calculated CRC-16 is bit reversed before being transmitted.
This facility can be used for diagnostic testing of CRC-16 generation and checking
functionality.
TX_LINK[1:0]
These bits are transmitted in the LINK bits of the message header of the next available
message. On reads these bit return the last written value.
TX_AUX[7:0]
These bits form the input to an Auxiliary channel between CPUs at each end of the link. Their
use is at the Software developers’ discretion. Data written to this register will be transmitted
in the AUX header byte of each subsequent message to the other end of the inband link. A
new value of TX_AUX will be transmitted at the next available message.
Data read from this register will be the data previously written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com