Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 115 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 115 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 111Page - PMC-Sierra, Inc PM8621 Datasheet HTML 112Page - PMC-Sierra, Inc PM8621 Datasheet HTML 113Page - PMC-Sierra, Inc PM8621 Datasheet HTML 114Page - PMC-Sierra, Inc PM8621 Datasheet HTML 115Page - PMC-Sierra, Inc PM8621 Datasheet HTML 116Page - PMC-Sierra, Inc PM8621 Datasheet HTML 117Page - PMC-Sierra, Inc PM8621 Datasheet HTML 118Page - PMC-Sierra, Inc PM8621 Datasheet HTML 119Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
114
Document ID: PMC-2010850, Issue 1
TX_MSG_LVL[3:0]
This indicates the current number of messages in the TXFIFO.
Table 7 TX FIFO Message Level
TX_MSG_LVL[3:0]
Number of messages
0000
0
::
1000
8
Values greater than 1000 will not occur. The number of free messages available in the FIFO is
given by (8 – TX_MSG_LVL).
IUSER
This bits are a reflection of the IUSER[2:0]. These reflect the USER bits that will be
transmitted in subsequent message headers. There is no default value for these bits as they are
device dependant.
IPAGE
This bits are a reflection of the IPAGE[1:0. These reflect the PAGE bits that will be
transmitted in subsequent message headers. There is no default value for these bits as they are
device dependant.
TX_LINK[1:0]
These bits reflect the last written value of the TX_LINK field of the TX Control register. The
upper byte of this register therefore reflects all of the configurable bits of the message
Header1 byte.
TX_MSG_LVL_VALID
This bit indicates that the value of TX_MSG_LVL is valid. When read with a ‘0’ this register
should be re-read until TX_MSG_LVL_VALID is a ‘1’. This bit will be clear for only
approximately 0.3% of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com