Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 119 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 119 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 115Page - PMC-Sierra, Inc PM8621 Datasheet HTML 116Page - PMC-Sierra, Inc PM8621 Datasheet HTML 117Page - PMC-Sierra, Inc PM8621 Datasheet HTML 118Page - PMC-Sierra, Inc PM8621 Datasheet HTML 119Page - PMC-Sierra, Inc PM8621 Datasheet HTML 120Page - PMC-Sierra, Inc PM8621 Datasheet HTML 121Page - PMC-Sierra, Inc PM8621 Datasheet HTML 122Page - PMC-Sierra, Inc PM8621 Datasheet HTML 123Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
118
Document ID: PMC-2010850, Issue 1
When multiple complete messages are being read (software knows that there is more than one
message in the FIFO using the RX_MSG_LVL bits) this bit does not need to be written
between individual message reads. It must be written for the 1st message.
When software uses a variable length message protocol it may want to abandon reading a
message buffer before reading the entire message buffer of 8 DWords (16 Words). In this case
this bit must be written with a ‘1’ to move the message pointer to the start of the next message
buffer before starting the read of that buffer.
After writing this bit with a ’1’ software should not start reading the FIFO until the
RX_FI_BUSY bit has cleared.
In the worst case this will take 5 SYSCLK cycles when FAST_RD_EN = ‘1’ and 4 SYSCLK
cycles when FAST_RD_EN = ‘0’.
At this point the 1st DWORD of the message is available for reading and the CRC_ERR bit is
valid. Software may abandon a CRC errored message without reading the message buffer by
writing this bit with a ‘1’ again.
On reads this bit is always returns the RX_SYNC_DONE status.
A suggested s/w procedure for accessing the Receive Message Buffer is outlined in section
12.12.2 (Accessing the Receive Message FIFO)
RX_SYNC_DONE
This bit indicates the status of an RX_XFER_SYNC operation. When ‘1’ it indicates that an
RX_XFER_SYNC has been done. S/W should check this bit at the start of a message read
sequence or when attempting to perform a message skip sequence.
RX_FI_BUSY
This bit indicates that the internal hardware is transferring data from the Receive FIFO RAM
into the Receive FIFO registers. The bits is set following
° A write to the Receive FIFO Synch Register (Bh) with the RX_XFER_SYNC bit set.
° A read from the Receive FIFO Data Low register.
Following an RX_XFER_SYNC write this bit need not be read by software if the time
interval to the successive Receive FIFO DATA register read is greater than approximately 5
SYSCLK cycles when FAST_RD_EN = ‘1’ or approximately 4 SYSCLK cycles when
FAST_RD_EN = ‘0’.
This bit need not be read by software if the time interval between successive Receive FIFO
DATA register reads greater than approximately 4 SYSCLK cycles when FAST_RD_EN =
‘1’ or approximately 3 SYSCLK cycles when FAST_RD_EN = ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com