Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 123 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 123 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 119Page - PMC-Sierra, Inc PM8621 Datasheet HTML 120Page - PMC-Sierra, Inc PM8621 Datasheet HTML 121Page - PMC-Sierra, Inc PM8621 Datasheet HTML 122Page - PMC-Sierra, Inc PM8621 Datasheet HTML 123Page - PMC-Sierra, Inc PM8621 Datasheet HTML 124Page - PMC-Sierra, Inc PM8621 Datasheet HTML 125Page - PMC-Sierra, Inc PM8621 Datasheet HTML 126Page - PMC-Sierra, Inc PM8621 Datasheet HTML 127Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
122
Document ID: PMC-2010850, Issue 1
RX_TIMEOUTE
Writing a ‘1’ to the RX_TIMEOUTE bit enables the generation of an interrupt when
RX_TIMEOUTI is a ‘1’
RX_THRSHLD_VAL[2:0]
Variable Threshold dictates the minimum number of messages required to be in the RXFIFO
before an interrupt is generated. ‘000’ = 1 message ‘111’ = 8 messages.
Table 9 RXFIFO Threshold Values
RX_THRSHLD_VAL [2:0]
Messages
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8
If the RXFIFO has not been read for the amount of time indicated by the
RXFIFO_Timeout_delay AND the FIFO is not empty an interrupt will be generated if this bit
is ‘1’. To disable set to ‘0’.
If the RXFIFO overflows an interrupt will be generated if this bit is ‘1’. To disable set to ‘0’.
If the Rx Message fails its CRC check, an interrupt will be generated if this bit is ‘1’. To
disable set to ‘0’.
RX_TIMEOUT_VAL
These bits specify a variable delay, relative to a read from the receive message FIFO, in steps
of 125 us, before an interrupt is generated, if the Receive FIFO level is greater than 0. The
objective is to stop stale messages collecting in the RXFIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com