Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 122 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 122 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 118Page - PMC-Sierra, Inc PM8621 Datasheet HTML 119Page - PMC-Sierra, Inc PM8621 Datasheet HTML 120Page - PMC-Sierra, Inc PM8621 Datasheet HTML 121Page - PMC-Sierra, Inc PM8621 Datasheet HTML 122Page - PMC-Sierra, Inc PM8621 Datasheet HTML 123Page - PMC-Sierra, Inc PM8621 Datasheet HTML 124Page - PMC-Sierra, Inc PM8621 Datasheet HTML 125Page - PMC-Sierra, Inc PM8621 Datasheet HTML 126Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
121
Document ID: PMC-2010850, Issue 1
Register 116h + N*20H, ILC Interrupt Enable and Control Register
Bit
Type
Function
Default
Bit 31:16
Unused
X
Bit 15:13
R
Reserved
000
Bit 12:11
R/W
RX_TIMEOUT_VAL[1:0]
00
Bit 10:8
R/W
RX_THRESHOLD_VAL[2:0]
101
Bit 7
R
Reserved
0
Bit 6
R/W
RX_TIMEOUTE
0
Bit 5
R/W
RX_THRSHLDE
0
Bit 4
R/W
RX_OVFLWE
0
Bit 3
R/W
RX_LINK_CHGE
0
Bit 2:1
R/W
RX_PAGE_CHGE[1:0]
0
Bit 0
R/W
RX_USER0_CHGE
0
RX_USER0_CHGE
Writing a ‘1’ to the RX_OUSER0_CHGE bit enables the generation of an interrupt on a
change of state from a ‘0’ to a ‘1’ of received message header bit RX_USER[0].
RX_PAGE_CHGE[1:0]
Writing a ‘1’ to the RX_PAGE_CHGE[n] bit enables the generation of an interrupt on a
change of state of the received PAGE bits. The RX_PAGE bits that changed value are
indicated by a ‘1’ in the corresponding RX_PAGE_CHGI[n].
RX_LINK_CHGE
Writing a ‘1’ to the RX_LINK_CHGE bit enables the generation of an interrupt on a change
of state of the received LINK bits. When either of the received LINK bits has changed value
the RX_LINK_CHGI bit will be set to a ‘1’.
If the RXFIFO level had reached the threshold value an interrupt will be generated if this bit
is ‘1’. To disable set to ‘0’.
RX_OVFLWE
Writing a ‘1’ to the RX_OVFLWE bit enables the generation of an interrupt when
RX_OVFLWI is a ‘1’.
RX_THRSHLDE
Writing a ‘1’ to the RX_THRSHLDE bit enables the generation of an interrupt when
RX_THRSHLDI is a ‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com